Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1403737 Datasheet (PDF) - PHOENIX CONTACT

1403737 Datasheet PDF - PHOENIX CONTACT
Part # 1403737
Download  1403737 Download
File Size   335.7 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description QPD W 4PE2,5 M20 0,5 BK - Panel feed-through

1403737 Datasheet (PDF)

Go To PDF Page Download Datasheet
1403737 Datasheet PDF - PHOENIX CONTACT

Part # 1403737
Download  1403737 Click to download

File Size   335.7 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description QPD W 4PE2,5 M20 0,5 BK - Panel feed-through

1403737 Datasheet (HTML) - PHOENIX CONTACT


1403737 Product details

Panel feed-through, product family: QPD, connection method: Single wires (Welded-on), number
of positions: 4+PE, M20, Pin, 1 mm2 ... 2.5 mm2, 690 V, 20 A, PA, black, without QUICKON nut,
coding: coded, 2.5 mm2, wires cut flat at the end, cable length: 0.5 m

Your advantages
• Innovative and time saving - QUICKON fast connection for time saving of up to 80 % for on-site connection
• Robust throughout: housing with IP68/IP69K and IK07 protection for a wide range of applications
• Safer connection with mechanical coding to protect against mismatching, and touch-proof protection in accordance with DIN EN 0105
• Efficient - by using panel feed-throughs, devices no longer need to be opened in order to connect cables




Similar Part No. - 1403737

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1403731 PHOENIX-1403731 Datasheet
344Kb / 8P
QPD W 4PE2,5 9-16 M20 0,5 BK - Panel feed-through
1403733 PHOENIX-1403733 Datasheet
84Kb / 4P
Innovative and time saving - QUICKON fast connection for time saving of up to 80 % for on-site connection
1403735 PHOENIX-1403735 Datasheet
90Kb / 4P
Convenient: quick and easy assembly without special tools
1403739 PHOENIX-1403739 Datasheet
85Kb / 5P
Innovative and time saving - QUICKON fast connection for time saving of up to 80 % for on-site connection
More results


Similar Description - 1403737

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1582193 PHOENIX-1582193 Datasheet
118Kb / 8P
Panel feed-through - QPD W 3PE2,5 M25 DT BK
1582196 PHOENIX-1582196 Datasheet
98Kb / 7P
Panel feed-through - QPD W 3PE2,5 M25 FC BK
1414677 PHOENIX-1414677 Datasheet
325Kb / 7P
Panel feed-through - QPD W 3PE1,5 4-9 M20 FC BK
01/21/2022
1414680 PHOENIX-1414680 Datasheet
326Kb / 7P
Panel feed-through - QPD W 3PE1,5 8-13 M20 FC BK
01/21/2022
1414683 PHOENIX-1414683 Datasheet
325Kb / 7P
Panel feed-through - QPD W 3PE1,5 M20 FC BK
01/21/2022
1414689 PHOENIX-1414689 Datasheet
344Kb / 7P
Panel feed-through - QPD W 2PE1,5 8-13 M20 FC BK
01/21/2022
1414692 PHOENIX-1414692 Datasheet
373Kb / 7P
Panel feed-through - QPD W 2PE1,5 M20 FC BK
01/21/2022
1414691 PHOENIX-1414691 Datasheet
126Kb / 8P
Panel feed-through - QPD W 2PE1,5 M20 1,0 BK
09/11/2020
1423975 PHOENIX-1423975 Datasheet
124Kb / 8P
Panel feed-through - QPD W3PE2,5 6-10 M25 0,5 BK
09/11/2020
1582559 PHOENIX-1582559 Datasheet
130Kb / 9P
Panel feed-through - QPD W 4PE2,5 6-11 M25 FC BK
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com