Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6C4008 Datasheet (PDF) - Alliance Semiconductor Corporation

AS6C4008 Datasheet PDF - Alliance Semiconductor Corporation
Part # AS6C4008
Download  AS6C4008 Download
File Size   2647.95 Kbytes
Page   15 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 512K X 8 BIT LOW POWER CMOS SRAM

AS6C4008 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS6C4008 Datasheet PDF - Alliance Semiconductor Corporation

Part # AS6C4008
Download  AS6C4008 Click to download

File Size   2647.95 Kbytes
Page   15 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 512K X 8 BIT LOW POWER CMOS SRAM

AS6C4008 Datasheet (HTML) - Alliance Semiconductor Corporation


AS6C4008 Product details

GENERAL DESCRIPTION

The AS6C4008 is a 4,194,304-bit low power CMOS static random access memory organized as 524,288 words by 8 bits. It is fabricated using very high performance, high reliability CMOS technology. Its standby current is stable within the range of operating temperature.



FEATURES

Access time : 55 ns

Low power consumption:

      Operating current : 30 mA(TYP.)

      Standby current : 4 µA(TYP.)

Single 2.7V~ 5.5Vpower supply

All outputs TTL compatible

Fully static operation

Tri-state output

Data retention voltage :1.5V(MIN.)

All products ROHS Compliant

Package :  32-pin 450 mil SOP;32-pin 600 mil P-DIP

              32-pin 8mm x 20mm TSOP-I

              32-pin 8mm x 13.4mm STSOP

              36-ball 6mm x 8mm TFBGA

              32-pin 400 mil TSOP-II




Similar Part No. - AS6C4008

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS6C4008 ALSC-AS6C4008 Datasheet
722Kb / 14P
512K X 8 BIT LOW POWER CMOS SRAM
AUGUST 2009
AS6C4008-55BIN ALSC-AS6C4008-55BIN Datasheet
2Mb / 15P
512K X 8 BIT LOW POWER 512K X 8 BIT LOW POWER CMOS SRAM
AS6C4008-55BIN ALSC-AS6C4008-55BIN Datasheet
722Kb / 14P
512K X 8 BIT LOW POWER CMOS SRAM
AUGUST 2009
AS6C4008-55PCN ALSC-AS6C4008-55PCN Datasheet
2Mb / 15P
512K X 8 BIT LOW POWER 512K X 8 BIT LOW POWER CMOS SRAM
AS6C4008-55PCN ALSC-AS6C4008-55PCN Datasheet
722Kb / 14P
512K X 8 BIT LOW POWER CMOS SRAM
AUGUST 2009
More results


Similar Description - AS6C4008

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L5128 LYONTEK-LY62L5128 Datasheet
248Kb / 17P
512K X 8 BIT LOW POWER CMOS SRAM
LY62W5128 LYONTEK-LY62W5128 Datasheet
170Kb / 11P
512K X 8 BIT LOW POWER CMOS SRAM
LY625128 LYONTEK-LY625128 Datasheet
249Kb / 18P
512K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C4008-55TIN ALSC-AS6C4008-55TIN Datasheet
2Mb / 15P
512K X 8 BIT LOW POWER 512K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62L5128 LYONTEK-LY62L5128_12 Datasheet
404Kb / 17P
512K X 8 BIT LOW POWER CMOS SRAM
LY62W5128 LYONTEK-LY62W5128_13 Datasheet
760Kb / 17P
512K X 8 BIT LOW POWER CMOS SRAM
LY625128 LYONTEK-LY625128_12 Datasheet
309Kb / 17P
512K X 8 BIT LOW POWER CMOS SRAM
LY62W5128 LYONTEK-LY62W5128_17 Datasheet
1Mb / 23P
512K X 8 BIT LOW POWER CMOS SRAM
LY625128 LYONTEK-LY625128_16 Datasheet
921Kb / 20P
512K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C4008 ALSC-AS6C4008_V01 Datasheet
722Kb / 14P
512K X 8 BIT LOW POWER CMOS SRAM
AUGUST 2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com