Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PV330MONO Datasheet (PDF) - Aims Power

PV330MONO Datasheet PDF - Aims Power
Part # PV330MONO
Download  PV330MONO Download
File Size   499.49 Kbytes
Page   1 Pages
Manufacturer  AIMSPOWER [Aims Power]
Direct Link  https://www.aimscorp.net/
Logo AIMSPOWER - Aims Power
Description Monocrystalline Solar PV Module 330 WATTS

PV330MONO Datasheet (PDF)

Go To PDF Page Download Datasheet
PV330MONO Datasheet PDF - Aims Power

Part # PV330MONO
Download  PV330MONO Click to download

File Size   499.49 Kbytes
Page   1 Pages
Manufacturer  AIMSPOWER [Aims Power]
Direct Link  https://www.aimscorp.net/
Logo AIMSPOWER - Aims Power
Description Monocrystalline Solar PV Module 330 WATTS

PV330MONO Datasheet (HTML) - Aims Power


PV330MONO Product details

FEATURES
Power and tolerance
0~+3W positive power tolerance guarantee
Resistance to the PID
Stronger surface resistance to mechanical loads
Passed the certification of 6000Pa snow load and 3600Pa wind load
Designed for harsh environments
Hail
Passed a hail test with a diameter of 45mm and a speed of 30.7m/s
Lower temperature coefficient
Better temperature coefficient allows for power attenuation at high temperature




Similar Part No. - PV330MONO

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
PV3 LAMBDA-PV3 Datasheet
128Kb / 2P
Single in-line DC-DC converter Single output 1.5W/3W
logo
E-SWITCH
PV3 E-SWITCH-PV3 Datasheet
293Kb / 1P
VANDAL AND WATER RESISTENT
PV3 E-SWITCH-PV3 Datasheet
964Kb / 6P
PV3 Series Anti-vandal Switch
1.12.2018
logo
DENSEI-LAMBDA
PV3-12-5 LAMBDA-PV3-12-5 Datasheet
128Kb / 2P
Single in-line DC-DC converter Single output 1.5W/3W
logo
TDK Electronics
PV3-12-5 TDK-PV3-12-5 Datasheet
129Kb / 1P
DC-DC Converters
More results


Similar Description - PV330MONO

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301970347 MOLEX-1301970347 Datasheet
145Kb / 1P
SOCKET CONTACT, PV SOLAR 14 & 12-10 AWG
1302031250 MOLEX-1302031250 Datasheet
115Kb / 1P
UNLOCK TOOL, PV SOLAR DC CONNECTOR
1302031290 MOLEX11-1302031290 Datasheet
115Kb / 1P
UNLOCK TOOL, PV SOLAR DC CONNECTOR
logo
Integrated Device Techn...
ZSPM4523 IDT-ZSPM4523 Datasheet
341Kb / 24P
High-Efficiency Solar PV MPPT Regulator
logo
ZHEJIANG HUAJING RECTIF...
HMD90A HUAJING-HMD90A Datasheet
256Kb / 3P
PV diode module
HMD130A HUAJING-HMD130A Datasheet
259Kb / 3P
PV diode module
HMD160A HUAJING-HMD160A Datasheet
282Kb / 4P
PV diode module
HMD200A HUAJING-HMD200A Datasheet
338Kb / 4P
PV diode module
HMD350A HUAJING-HMD350A Datasheet
291Kb / 4P
PV diode module
HMDK25A HUAJING-HMDK25A Datasheet
258Kb / 3P
PV diode module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com