Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

322.0200308 Datasheet (PDF) - France Joint

322.0200308 Datasheet PDF - France Joint
Part # 322.0200308
Download  322.0200308 Download
File Size   351.98 Kbytes
Page   3 Pages
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint
Description ROD SEALS

322.0200308 Datasheet (PDF)

Go To PDF Page Download Datasheet
322.0200308 Datasheet PDF - France Joint

Part # 322.0200308
Download  322.0200308 Click to download

File Size   351.98 Kbytes
Page   3 Pages
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint
Description ROD SEALS

322.0200308 Datasheet (HTML) - France Joint


322.0200308 Product details

DESCRIPTION
The BECA 322 profile is a U-ring
type single acting rod seal with
matching lips, composed of a profiled
polyurethane seal, a NBR O'Ring to
preserve its elastic memory and a
triangular POM back-up ring on the
back. It can be assembled in a groove
according to standard ISO 5597.

APPLICATIONS
Agriculture
Mobile machinery
Lifting systems
Injection presses
Hydraulic cylinders




Similar Part No. - 322.0200308

ManufacturerPart #DatasheetDescription
logo
Littelfuse
322 LITTELFUSE-322 Datasheet
1Mb / 3P
322/332 Series Lead-free 3AB, Very Fast-acting Fuse
logo
EDAC, All Rights Reserv...
322 EDAC-322 Datasheet
223Kb / 2P
Card Edge Connectors 0.156” (3.96mm) Pitch
logo
Littelfuse
322 LITTELFUSE-322 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
Adafruit Industries
322 ADAFRUIT-322 Datasheet
152Kb / 2P
12mm Diffused Thin Digital RGB LED Pixels (Strand of 25) - WS2801
logo
Marathon Special Produc...
322 MARATHON-322 Datasheet
170Kb / 3P
Terminal Block– Closed Back 30 Amps, 600 Volts (AC/DC)
REV B 09/26/12
More results


Similar Description - 322.0200308

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
BP10480 MACOM-BP10480 Datasheet
226Kb / 4P
Pushbutton Switches, Splashproof Boot Seals
2-1193487-7 MACOM-2-1193487-7 Datasheet
58Kb / 1P
CABLE ENTRY SEALS 2 ENTRY, NPT THREADED
CES-1 MACOM-CES-1 Datasheet
104Kb / 1P
CABLE ENTRY SEALS STANDARD
logo
List of Unclassifed Man...
AS350 ETC-AS350 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
Ralston Instruments.
QSCM-0020-VT RALSTON-QSCM-0020-VT Datasheet
311Kb / 1P
Vent valve, stainless steel, with Viton seals
logo
Molex Electronics Ltd.
0643251366 MOLEX1-0643251366_18 Datasheet
44Kb / 1P
Single Wire Seals for CP 2.80 Terminals, Blue
logo
TE Connectivity Ltd
CES-X-XX TEC-CES-X-XX Datasheet
108Kb / 1P
CAMLE ENTRY SEALS STANDARD
logo
Festo Corporation.
195722 FESTO-195722 Datasheet
57Kb / 1P
Tie rod
7/21/22
logo
Molex Electronics Ltd.
0643251332 MOLEX-0643251332 Datasheet
53Kb / 2P
Single Wire Seals for CP 2.80 Terminals, Red
08/25/2022
logo
Festo Corporation.
9254 FESTO-9254 Datasheet
41Kb / 1P
rod eye
14/12/2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com