Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAQ7980 Datasheet (PDF) - Analog Devices

ADAQ7980 Datasheet PDF - Analog Devices
Part # ADAQ7980
Download  ADAQ7980 Download
File Size   3410.42 Kbytes
Page   45 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad, 14-Bit, 4 MSPS, Simultaneous Sampling, μModule Data Acquisition Solution

ADAQ7980 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADAQ7980 Datasheet PDF - Analog Devices

Part # ADAQ7980
Download  ADAQ7980 Click to download

File Size   3410.42 Kbytes
Page   45 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad, 14-Bit, 4 MSPS, Simultaneous Sampling, μModule Data Acquisition Solution

ADAQ7980 Datasheet (HTML) - Analog Devices


ADAQ7980 Product details

FEATURES
► Easy to use μModule® data acquisition system
► 11× footprint reduction vs. discrete solution
► Integrated critical passive components
► 5 V single-supply operation
► Guaranteed 14-bit no missing codes
► On-chip oversampling function
► 2-bit resolution boost
► Out of range indicator (ALERT)
► INL: ±0.3 LSB typical, ±1 LSB maximum
► SNR (typical)
► 85 dB at gain = 1.0, fIN = 1 kHz
► 92.4 dB with OSR = ×8 at gain = 1.0, fIN = 1 kHz
► Channel-to-channel phase matching: 0.005° typical at
fIN = 20 kHz
► Integrated high precision reference, 3 ppm/oC typical drift
► Gain error: 0.003% typical
► Gain drift: 0.8 ppm/°C typical
► Integrated internal buffer with VCM generation
► Integrated fully differential ADC driver with signal scaling
► Wide input common-mode voltage range
► High common-mode rejection
► Single-ended to differential conversion
► Pin selectable input range with overrange
► Input ranges: ±2 V, ±3.3 V, ±5.5 V, ±11 V
► Gain/attenuation: G = 0.3, 0.6, 1.0, and 1.6
► High-speed serial interface
► 8 mm x 8 mm, 0.8 mm pitch, 81-ball CSP_BGA package
APPLICATIONS
► Lab grade battery test system
► Motor control current sense
► Motor control position feedback
► Sonar
► Power quality monitoring
► Data acquisition system
► Erbium-doped fiber amplifier (EDFA) applications
► I and Q demodulation




Similar Part No. - ADAQ7980

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAQ7980 AD-ADAQ7980 Datasheet
1Mb / 49P
16-Bit, 1 MSPS, Integrated Data Acquisition Subsystem
Rev. 0
ADAQ7980 AD-ADAQ7980 Datasheet
3Mb / 38P
16-Bit, 2 MSPS, 關Module Data Acquisition Solution
5/2021-Revision 0
ADAQ7980 AD-ADAQ7980 Datasheet
921Kb / 35P
18-Bit, 2 MSPS, 關Module Data Acquisition Solution
Rev. 0
ADAQ7980 AD-ADAQ7980 Datasheet
3Mb / 45P
Quad, 16-Bit, 2 MSPS, Simultaneous Sampling, μModule Data-Acquisition Solution
Rev. 0
ADAQ7980BCCZ AD-ADAQ7980BCCZ Datasheet
1Mb / 49P
16-Bit, 1 MSPS, Integrated Data Acquisition Subsystem
Rev. 0
More results


Similar Description - ADAQ7980

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7874 AD-AD7874 Datasheet
414Kb / 16P
LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV.C
ADAS3023 AD-ADAS3023 Datasheet
617Kb / 32P
16-Bit, 8-Channel Simultaneous Sampling Data Acquisition System
REV. 0
5962-9152101MXA AD-5962-9152101MXA Datasheet
326Kb / 16P
LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
AD7874BNZ AD-AD7874BNZ Datasheet
326Kb / 16P
LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
AD7874SQ AD-AD7874SQ Datasheet
326Kb / 16P
LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
AD7874 AD-AD7874_15 Datasheet
418Kb / 16P
LC MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
AD7264 AD-AD7264_17 Datasheet
1Mb / 30P
1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC
27-May-2017
AD7874 AD-AD7874_17 Datasheet
448Kb / 17P
4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
23-Feb-2017
ADAQ4001 AD-ADAQ4001 Datasheet
3Mb / 38P
16-Bit, 2 MSPS, 關Module Data Acquisition Solution
5/2021-Revision 0
AD7383-4 AD-AD7383-4 Datasheet
1Mb / 33P
Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com