Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWPLTRA1.EM Datasheet (PDF) - OSRAM GmbH

GWPLTRA1.EM Datasheet PDF - OSRAM GmbH
Part # GWPLTRA1.EM
Download  GWPLTRA1.EM Download
File Size   2008.85 Kbytes
Page   25 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Leveraging the strengths of a traditional high power LED

GWPLTRA1.EM Datasheet (PDF)

Go To PDF Page Download Datasheet
GWPLTRA1.EM Datasheet PDF - OSRAM GmbH

Part # GWPLTRA1.EM
Download  GWPLTRA1.EM Click to download

File Size   2008.85 Kbytes
Page   25 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Leveraging the strengths of a traditional high power LED

GWPLTRA1.EM Datasheet (HTML) - OSRAM GmbH


GWPLTRA1.EM Product details

Features
- Package: QFN Package
- Typ. Radiation: 120° (Lambertian emitter)
- Color temperature: 2700K - 5700K
- CRI: 80 (min.), 83 (typ.), R9: 0 (min.)
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Luminous Flux: typ. 420 lm @ 3000 K
- Luminous efficacy: typ. 140 lm/W @ 3000 K




Similar Part No. - GWPLTRA1.EM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWPLTRA1.PM OSRAM-GWPLTRA1.PM Datasheet
2Mb / 26P
Leveraging the strengths of a traditional high power LED
Version 1.3 2024-09-25
GWPLTRA1.PM-MDQB-XX510-1 OSRAM-GWPLTRA1.PM-MDQB-XX510-1 Datasheet
2Mb / 26P
Leveraging the strengths of a traditional high power LED
Version 1.3 2024-09-25
GWPLTRA1.PM-NAQB-XX58-1 OSRAM-GWPLTRA1.PM-NAQB-XX58-1 Datasheet
2Mb / 26P
Leveraging the strengths of a traditional high power LED
Version 1.3 2024-09-25
GWPLTRA1.PM-NDQB-XX51-1 OSRAM-GWPLTRA1.PM-NDQB-XX51-1 Datasheet
2Mb / 26P
Leveraging the strengths of a traditional high power LED
Version 1.3 2024-09-25
GWPLTRA1.PM-NDQB-XX56-1 OSRAM-GWPLTRA1.PM-NDQB-XX56-1 Datasheet
2Mb / 26P
Leveraging the strengths of a traditional high power LED
Version 1.3 2024-09-25
More results


Similar Description - GWPLTRA1.EM

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT15GT60BR ADPOW-APT15GT60BR Datasheet
24Kb / 2P
The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT15GT60KR ADPOW-APT15GT60KR Datasheet
25Kb / 2P
The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
logo
Yellow Stone Corp
YSC-SL815 YSTONE-YSC-SL815 Datasheet
171Kb / 2P
Compatible with AR-111 module, and take the place of traditional AR-111 spotlight bulb
logo
Roithner LaserTechnik G...
RLT1260-800-HHL ROITHNER-RLT1260-800-HHL Datasheet
357Kb / 2P
is the series of high-power multimode
logo
Richtek Technology Corp...
RT7305 RICHTEK-RT7305 Datasheet
778Kb / 14P
The RT7305 consists of a high voltage power MOSFET
logo
Laird Tech Smart Techno...
MAXAIR LSTD-MAXAIR Datasheet
358Kb / 2P
Half the weight of traditional aluminum honeycomb vent panels
logo
Lumileds Lighting Compa...
DS107 LUMILEDS-DS107 Datasheet
2Mb / 15P
The original high power LED
PB107 LUMILEDS-PB107 Datasheet
1Mb / 2P
The original high-power LED
logo
Littelfuse
L15S LITTELFUSE-L15S Datasheet
680Kb / 10P
L15S SERIES TRADITIONAL HIGH-SPEED
Rev: 041819
L25S LITTELFUSE-L25S Datasheet
608Kb / 11P
L25S SERIES TRADITIONAL HIGH-SPEED
Rev: 050319
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com