Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBDDLM32.13 Datasheet (PDF) - OSRAM GmbH

KBDDLM32.13 Datasheet PDF - OSRAM GmbH
Part # KBDDLM32.13
Download  KBDDLM32.13 Download
File Size   1838.47 Kbytes
Page   23 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description SYNIOS® S2222 , A centralized chip allows an easy integration into optical systems.

KBDDLM32.13 Datasheet (PDF)

Go To PDF Page Download Datasheet
KBDDLM32.13 Datasheet PDF - OSRAM GmbH

Part # KBDDLM32.13
Download  KBDDLM32.13 Click to download

File Size   1838.47 Kbytes
Page   23 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description SYNIOS® S2222 , A centralized chip allows an easy integration into optical systems.

KBDDLM32.13 Datasheet (HTML) - OSRAM GmbH


KBDDLM32.13 Product details

Features
- Package: white SMT package, colorless clear silicone resin
- Chip technology: InGaN on Sapphire
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λdom = 470 nm (● blue)
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
- Luminous Flux @ 470 nm: typ. 10.0 lm
- Corrosion Robustness Class: 3B (40°C / 90 % RH / 15 ppm H2S / 14 days)




Similar Part No. - KBDDLM32.13

ManufacturerPart #DatasheetDescription
logo
ams AG
KBDDLM31.13 AMSCO-KBDDLM31.13 Datasheet
1Mb / 21P
This square package with just 2mm outline combines best performance with a small footprint.
Version 1.3 2020-07-17
logo
OSRAM GmbH
KBDDLM31.13 OSRAM-KBDDLM31.13 Datasheet
1Mb / 21P
This square package with just 2mm outline combines best performance with a small footprint.
Version 1.3 2020-07-17
logo
ams AG
KBDDLM31.13-6D7E-25-24A4 AMSCO-KBDDLM31.13-6D7E-25-24A4 Datasheet
1Mb / 21P
This square package with just 2mm outline combines best performance with a small footprint.
Version 1.3 2020-07-17
logo
OSRAM GmbH
KBDDLM31.13-6D7E-25-24A4 OSRAM-KBDDLM31.13-6D7E-25-24A4 Datasheet
1Mb / 21P
This square package with just 2mm outline combines best performance with a small footprint.
Version 1.3 2020-07-17
More results


Similar Description - KBDDLM32.13

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1551 STMICROELECTRONICS-UM1551 Datasheet
684Kb / 17P
This demonstration board allows the easy measurement
10-Jun-2013
logo
List of Unclassifed Man...
SHT7X ETC2-SHT7X_15 Datasheet
286Kb / 12P
Pin type package ??easy integration
GP-1450 ETC2-GP-1450 Datasheet
505Kb / 2P
PEN film reinforcement allows easy
logo
Taoglas antenna solutio...
CBD02.07.0100C TAOGLAS-CBD02.07.0100C Datasheet
6Mb / 20P
Flexible for easy integration
logo
Lumileds Lighting Compa...
LXS0-PR00-0017N LUMILEDS-LXS0-PR00-0017N Datasheet
2Mb / 20P
Best punch and easy integration
DS113 LUMILEDS-DS113 Datasheet
2Mb / 20P
Best punch and easy integration
logo
PHOENIX CONTACT
1836803 PHOENIX-1836803 Datasheet
101Kb / 3P
Designed for integration into the SMT soldering process
1836845 PHOENIX-1836845 Datasheet
100Kb / 3P
Designed for integration into the SMT soldering process
1836984 PHOENIX-1836984 Datasheet
91Kb / 3P
Designed for integration into the SMT soldering process
logo
Maxim Integrated Produc...
MAX3795EVKIT MAXIM-MAX3795EVKIT Datasheet
343Kb / 6P
Allows Optical and Electrical Evaluation
Rev 0, 11/04
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com