Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1414734 Datasheet (PDF) - PHOENIX CONTACT

1414734 Datasheet PDF - PHOENIX CONTACT
Part # 1414734
Download  1414734 Download
File Size   430.49 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description QPD W 4PE1,5 9-14 M25 1,0 BK - Panel feed-through

1414734 Datasheet (PDF)

Go To PDF Page Download Datasheet
1414734 Datasheet PDF - PHOENIX CONTACT

Part # 1414734
Download  1414734 Click to download

File Size   430.49 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description QPD W 4PE1,5 9-14 M25 1,0 BK - Panel feed-through

1414734 Datasheet (HTML) - PHOENIX CONTACT


1414734 Product details

Panel feed-through, product family: QPD, connection method: Single wires/ IDC connection,
number of positions: 4+PE, M25, Pin, 0.5 mm2 ... 1.5 mm2, 690 V, 17.5 A, PA, black, with
QUICKON nut, coding: Coding profile, external cable diameter: 10 mm ... 14 mm, 1.5 mm2, cable
length: 1 m

Your advantages
• Innovative and time saving - QUICKON fast connection for time saving of up to 80 % for on-site connection
• Robust throughout: housing with IP68/IP69K and IK07 protection for a wide range of applications
• Safer connection with mechanical coding to protect against mismatching, and touch-proof protection in accordance with DIN EN 0105
• Efficient - by using panel feed-throughs, devices no longer need to be opened in order to connect cables




Similar Part No. - 1414734

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1414730 PHOENIX-1414730 Datasheet
430Kb / 9P
QPD W 4PE1,5 5-10 M25 0,5 BK - Panel feed-through
1414731 PHOENIX-1414731 Datasheet
430Kb / 9P
QPD W 4PE1,5 5-10 M25 1,0 BK - Panel feed-through
1414732 PHOENIX-1414732 Datasheet
77Kb / 4P
Robust throughout: housing with IP68/IP69K and IK07 protection for a wide range of applications
1414733 PHOENIX-1414733 Datasheet
430Kb / 9P
QPD W 4PE1,5 9-14 M25 0,5 BK - Panel feed-through
1414735 PHOENIX-1414735 Datasheet
351Kb / 7P
Panel feed-through - QPD W 4PE1,5 9-14 M25 FC BK
01/21/2022
More results


Similar Description - 1414734

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1582178 PHOENIX-1582178 Datasheet
93Kb / 7P
Panel feed-through - QPD W 3PE2,5 9-14 M25 FC BK
1582181 PHOENIX-1582181 Datasheet
117Kb / 8P
Panel feed-through - QPD W 3PE2,5 9-14 M25 DT BK
1582193 PHOENIX-1582193 Datasheet
118Kb / 8P
Panel feed-through - QPD W 3PE2,5 M25 DT BK
1582196 PHOENIX-1582196 Datasheet
98Kb / 7P
Panel feed-through - QPD W 3PE2,5 M25 FC BK
1582316 PHOENIX-1582316 Datasheet
95Kb / 7P
Panel feed-through - QPD W 4X2,5 9-14 M25 FC GY
1582323 PHOENIX-1582323 Datasheet
95Kb / 7P
Panel feed-through - QPD W 4X2,5 9-14 M25 DT GY
1414735 PHOENIX-1414735 Datasheet
351Kb / 7P
Panel feed-through - QPD W 4PE1,5 9-14 M25 FC BK
01/21/2022
1414738 PHOENIX-1414738 Datasheet
378Kb / 7P
Panel feed-through - QPD W 4PE1,5 M25 FC BK
01/21/2022
1414691 PHOENIX-1414691 Datasheet
126Kb / 8P
Panel feed-through - QPD W 2PE1,5 M20 1,0 BK
09/11/2020
1423979 PHOENIX-1423979 Datasheet
106Kb / 7P
Panel feed-through - QPD W3PE2,5 9-14 M25 1,0 BK
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com