Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1532207 Datasheet (PDF) - PHOENIX CONTACT

1532207 Datasheet PDF - PHOENIX CONTACT
Part # 1532207
Download  1532207 Download
File Size   181.38 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PRC 20 SEAL 10-14 SET 25 - Insert seal

1532207 Datasheet (PDF)

Go To PDF Page Download Datasheet
1532207 Datasheet PDF - PHOENIX CONTACT

Part # 1532207
Download  1532207 Click to download

File Size   181.38 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PRC 20 SEAL 10-14 SET 25 - Insert seal

1532207 Datasheet (HTML) - PHOENIX CONTACT


1532207 Product details

Insert seal, Range of articles: PRC 20, color: black, min. cable diameter: 10 mm, max. cable
diameter: 14 mm

Your advantages
• Up to 75% smaller in size than industrial connectors with the same rating
• Locking mechanism can be unlocked manually or using a tool
• Suitable for applications in atmospheres containing salt and in direct sunlight
• Ideal for indoor and outdoor use due to weatherproof materials




Similar Part No. - 1532207

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
153220 EXTECH-153220 Datasheet
196Kb / 1P
Passive Component LCR Meter
153220 EXTECH-153220 Datasheet
178Kb / 1P
Battery Operated Datalogger
logo
Bourns Electronic Solut...
153220 BOURNS-153220 Datasheet
791Kb / 5P
Model 15322x Series – HPHR Choke
REV. 07/22/25
logo
PHOENIX CONTACT
1532208 PHOENIX-1532208 Datasheet
181Kb / 4P
PRC 20 SEAL 8-10 SET 25 - Insert seal
1532209 PHOENIX-1532209 Datasheet
181Kb / 4P
PRC 20 SEAL 6-8 SET 25 - Insert seal
More results


Similar Description - 1532207

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1408054 PHOENIX-1408054 Datasheet
55Kb / 3P
Seal - HC-D 25-PR-DI
1580011 PHOENIX-1580011 Datasheet
44Kb / 2P
Insert seal - Q-T-EDG-K
1580024 PHOENIX-1580024 Datasheet
44Kb / 2P
Insert seal - Q-T-EDG-M
1580037 PHOENIX-1580037 Datasheet
44Kb / 2P
Insert seal - Q-T-EDG-G
2203749 PHOENIX-2203749 Datasheet
75Kb / 4P
Seal - DCS D-SEAL 3,0MM
09/12/2020
logo
HARTING Technology Grou...
09-21-000-9906 HARTING-09-21-000-9906 Datasheet
445Kb / 1P
FPM Seal for Han 3A Insert
2021-10-01
09-14-000-8100 HARTING-09-14-000-8100 Datasheet
480Kb / 1P
Flexbox bellows seal insert small 4-10mm
2021-10-01
09-14-000-8200 HARTING-09-14-000-8200 Datasheet
478Kb / 1P
Flexbox bellows seal insert med 5-16mm
2021-10-01
09-14-000-8300 HARTING-09-14-000-8300 Datasheet
485Kb / 1P
Flexbox bellows seal insert large 9-24mm
2021-10-01
logo
Pepperl+Fuchs Inc.
VAZ-PG11-FKD PF-VAZ-PG11-FKD Datasheet
96Kb / 1P
Seal
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com