Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1582567 Datasheet (PDF) - PHOENIX CONTACT

1582567 Datasheet PDF - PHOENIX CONTACT
Part # 1582567
Download  1582567 Download
File Size   408.04 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description QPD W 4PE2,5 M25 FC BK - Panel feed-through

1582567 Datasheet (PDF)

Go To PDF Page Download Datasheet
1582567 Datasheet PDF - PHOENIX CONTACT

Part # 1582567
Download  1582567 Click to download

File Size   408.04 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description QPD W 4PE2,5 M25 FC BK - Panel feed-through

1582567 Datasheet (HTML) - PHOENIX CONTACT


1582567 Product details

Panel feed-through, product family: QPD, connection method: Spade connection (For slip-on
sleeves according to DIN 46247-2), number of positions: 4+PE, M25, Pin, 1 mm2 ... 2.5 mm2,
690 V, 20 A, PA, black, without QUICKON nut, coding: coded

Your advantages
• Innovative and time saving - QUICKON fast connection for time saving of up to 80 % for on-site connection
• Robust throughout: housing with IP68/IP69K and IK07 protection for a wide range of applications
• Safer connection with mechanical coding to protect against mismatching, and touch-proof protection in accordance with DIN EN 0105
• Efficient - by using panel feed-throughs, devices no longer need to be opened in order to connect cables




Similar Part No. - 1582567

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1582561 PHOENIX-1582561 Datasheet
407Kb / 9P
QPD W 4PE2,5 9-16 M25 0,5 BK - Panel feed-through
1582562 PHOENIX-1582562 Datasheet
81Kb / 4P
Robust throughout: housing with IP68/IP69K and IK07 protection for a wide range of applications
1582563 PHOENIX-1582563 Datasheet
88Kb / 4P
Safer connection thanks to polarization against mismatching and touch-proof protection according to DIN EN 0105
1582565 PHOENIX-1582565 Datasheet
332Kb / 8P
QPD W 4PE2,5 M25 0,5 BK - Panel feed-through
1582566 PHOENIX-1582566 Datasheet
332Kb / 8P
QPD W 4PE2,5 M25 1,0 BK - Panel feed-through
More results


Similar Description - 1582567

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1582351 PHOENIX-1582351 Datasheet
90Kb / 7P
Panel feed-through - QPD W 4X2,5 M25 FC GY
1582178 PHOENIX-1582178 Datasheet
93Kb / 7P
Panel feed-through - QPD W 3PE2,5 9-14 M25 FC BK
1582193 PHOENIX-1582193 Datasheet
118Kb / 8P
Panel feed-through - QPD W 3PE2,5 M25 DT BK
1582196 PHOENIX-1582196 Datasheet
98Kb / 7P
Panel feed-through - QPD W 3PE2,5 M25 FC BK
1414683 PHOENIX-1414683 Datasheet
325Kb / 7P
Panel feed-through - QPD W 3PE1,5 M20 FC BK
01/21/2022
1414692 PHOENIX-1414692 Datasheet
373Kb / 7P
Panel feed-through - QPD W 2PE1,5 M20 FC BK
01/21/2022
1414735 PHOENIX-1414735 Datasheet
351Kb / 7P
Panel feed-through - QPD W 4PE1,5 9-14 M25 FC BK
01/21/2022
1414738 PHOENIX-1414738 Datasheet
378Kb / 7P
Panel feed-through - QPD W 4PE1,5 M25 FC BK
01/21/2022
1424010 PHOENIX-1424010 Datasheet
258Kb / 5P
Panel feed-through - QPD W4X2,5 M25 FC GY
02/04/2022
1582559 PHOENIX-1582559 Datasheet
130Kb / 9P
Panel feed-through - QPD W 4PE2,5 6-11 M25 FC BK
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com