Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAP-450 Datasheet (PDF) - Fuji Electric

FAP-450 Datasheet PDF - Fuji Electric
Part # FAP-450
Download  FAP-450 Download
File Size   224.88 Kbytes
Page   3 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description N-channel MOS-FET(500V, 0,38廓, 14A, 190W)

FAP-450 Datasheet (PDF)

Go To PDF Page Download Datasheet
FAP-450 Datasheet PDF - Fuji Electric

Part # FAP-450
Download  FAP-450 Click to download

File Size   224.88 Kbytes
Page   3 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description N-channel MOS-FET(500V, 0,38廓, 14A, 190W)

FAP-450 Datasheet (HTML) - Fuji Electric


FAP-450 Product details

>Features

- High Speed Switching

- Low On-Resistance

- No Secondary Breakdown

- Low Driving Power

- High Voltage

- VGS= ± 30V Guarantee

- Repetitive Avalanche Rated



>Applications

- Switching Regulators

- UPS

- DC-DC converters

- General Purpose Power Amplifier




Similar Part No. - FAP-450

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FAP-450 ISC-FAP-450 Datasheet
347Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - FAP-450

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT14N50 AOSMD-AOT14N50 Datasheet
180Kb / 6P
500V, 14A N-Channel MOSFET
logo
Renesas Technology Corp
RJK5013DPP-E0 RENESAS-RJK5013DPP-E0 Datasheet
88Kb / 7P
500V - 14A - MOS FET High Speed Power Switching
logo
Unisonic Technologies
14N50 UTC-14N50 Datasheet
198Kb / 6P
14A, 500V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOB14N50 AOSMD-AOB14N50 Datasheet
263Kb / 6P
500V, 14A N-Channel MOSFET
AOT14N50FD AOSMD-AOT14N50FD Datasheet
237Kb / 6P
500V, 14A N-Channel MOSFET
AOW14N50 AOSMD-AOW14N50 Datasheet
329Kb / 6P
500V, 14A N-Channel MOSFET
logo
Renesas Technology Corp
RJK5013DPP-E0 RENESAS-RJK5013DPP-E0_15 Datasheet
88Kb / 7P
500V - 14A - MOS FET High Speed Power Switching
RJK5013DPP-A0 RENESAS-RJK5013DPP-A0 Datasheet
171Kb / 7P
500V - 14A - MOS FET High Speed Power Switching
Mar.10.2021
RJL5013DPP-A0 RENESAS-RJL5013DPP-A0 Datasheet
171Kb / 7P
500V - 14A - MOS FET High Speed Power Switching
Mar.23.2021
More results




About Fuji Electric


Fuji Electric is a Japanese company that specializes in the manufacture of electrical and electronic equipment.
The company was founded in 1923 and is headquartered in Tokyo, Japan.
Fuji Electric offers a wide range of products including power electronics equipment, industrial automation equipment, and more.
The company is known for its expertise in power electronics and energy management, as well as its innovative technologies in the fields of electric vehicles, renewable energy, and smart grid solutions.
Fuji Electric has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its industrial and commercial products, Fuji Electric also provides a range of products and solutions for consumer and residential applications, such as air-conditioning systems, home appliances, and home security systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com