Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBU801 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

KBU801 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # KBU801
Download  KBU801 Download
File Size   56.48 Kbytes
Page   2 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Single Phase 8.0 AMPS. Silicon Bridge Rectifiers

KBU801 Datasheet (PDF)

Go To PDF Page Download Datasheet
KBU801 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # KBU801
Download  KBU801 Click to download

File Size   56.48 Kbytes
Page   2 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Single Phase 8.0 AMPS. Silicon Bridge Rectifiers

KBU801 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


KBU801 Product details

Voltage Range 50 to 1000 Volts

Current 8.0 Amperes



Features

UL Recognized File # E-96005

High surge current capability

Ideal for printed circuit board

Reliable low cost construction technique results in inexpensive product

High temperature soldering guaranteed: 260℃ / 10 seconds / 0.375” ( 9.5mm )

lead length at 5 lbs., ( 2.3 kg ) tension

Weight: 8 grams




Similar Part No. - KBU801

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBU801 WTE-KBU801 Datasheet
42Kb / 3P
8.0A BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBU801 JGD-KBU801 Datasheet
139Kb / 2P
SINGLE PHASE 8.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Fuji Electric
KBU801 FUJI-KBU801 Datasheet
641Kb / 1P
8 AMP SILICON BRIDGE RECTIFIER
logo
List of Unclassifed Man...
KBU801 ETC1-KBU801 Datasheet
37Kb / 1P
BRIDGE RECTIFIERS
KBU801 ETC1-KBU801 Datasheet
100Kb / 1P
BRIDGE RECTIFIERS 2.0 to 8.0 Amps
More results


Similar Description - KBU801

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
KBPC800 JGD-KBPC800 Datasheet
124Kb / 2P
SINGLE PHASE 8.0 AMPS. SILICON BRIDGE RECTIFIERS
KBU800 JGD-KBU800 Datasheet
139Kb / 2P
SINGLE PHASE 8.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
SB801 TSC-SB801 Datasheet
69Kb / 2P
Single Phase 8.0 AMPS. Silicon Bridge Rectifiers
KBU801 TSC-KBU801_1 Datasheet
169Kb / 2P
Single Phase 8.0 AMPS. Silicon Bridge Rectifiers
KBU401 TSC-KBU401_09 Datasheet
167Kb / 2P
Single Phase 8.0 AMPS. Bridge Rectifiers
KBU801 TSC-KBU801_09 Datasheet
167Kb / 2P
Single Phase 8.0 AMPS. Bridge Rectifiers
logo
Yangzhou yangjie electr...
KBPC8-BR8 YANGJIE-KBPC8-BR8 Datasheet
254Kb / 2P
SINGLE PHASE 8.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
KBU801 TSC-KBU801_10 Datasheet
499Kb / 2P
Single Phase 8.0 AMPS. Bridge Rectifiers
TS8P01G TSC-TS8P01G_11 Datasheet
138Kb / 2P
Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Nanjing International G...
GBJ8005 DGNJDZ-GBJ8005 Datasheet
165Kb / 2P
SINGLE PHASE 8.0 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com