Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S23 Datasheet (PDF) - List of Unclassifed Manufacturers

S23 Datasheet PDF - List of Unclassifed Manufacturers
Part # S23
Download  S23 Download
File Size   1049.07 Kbytes
Page   2 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS

S23 Datasheet (PDF)

Go To PDF Page Download Datasheet
S23 Datasheet PDF - List of Unclassifed Manufacturers

Part # S23
Download  S23 Click to download

File Size   1049.07 Kbytes
Page   2 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS

S23 Datasheet (HTML) - List of Unclassifed Manufacturers


S23 Product details

[DACO SEMICONDUCTOR]

FEATURES:
● Plastic package has Underwriters Laboratory Flammability Classification 94V-0
● For surface mounted applications
● Low profile package
● Built-in strain relief
● Metal silicon junction, majority carrier conduction
● Low power loss, high efficiency
● High current capability, low forward voltage drop
● High surge capability
● For use in low voltage high frequency inverters, free wheeling, and polarity protection applications
● Guard ring for overvoltage protection
● High temperature soldering quaranteed: 250°C/10 seconds at terminals




Similar Part No. - S23

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
S23 FAIRCHILD-S23 Datasheet
49Kb / 3P
Schottky Rectifiers
logo
RFE international
S23 RFE-S23 Datasheet
2Mb / 3P
Surface Mount Schottky Rectifiers
11-14-2022
logo
UMPCO, Inc.
S230 UMPCO-S230 Datasheet
137Kb / 1P
CLAMP, LOOP, SUPPORT, CUSHIONED, 1/4" MOUNTING HOLE
logo
Molex Electronics Ltd.
S2300-HZX050163 MOLEX11-S2300-HZX050163 Datasheet
902Kb / 3P
Hazardous Location Stanchion Light, Quartz Halogen,16-3 Cord with 15A Plug
logo
HuaXinAn Electronics CO...
S2300EA HUAXINAN-S2300EA Datasheet
293Kb / 6P
SIDACtor Protection Thyristors
More results


Similar Description - S23

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B220A WEITRON-B220A Datasheet
75Kb / 3P
Surface Mount Schottky Barrier Rectifiers
B320A WEITRON-B320A Datasheet
166Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD820T PANJIT-SD820T_05 Datasheet
427Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
SS32 BILIN-SS32 Datasheet
86Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK12 BILIN-SK12 Datasheet
149Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
B320B BILIN-B320B Datasheet
97Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
Surface Mount Schottky Barrier Rectifiers
04-Aug-08
logo
SeCoS Halbleitertechnol...
SCS400D SECOS-SCS400D_15 Datasheet
434Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com