Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29 Datasheet (PDF) - List of Unclassifed Manufacturers

S29 Datasheet PDF - List of Unclassifed Manufacturers
Part # S29
Download  S29 Download
File Size   1049.07 Kbytes
Page   2 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS

S29 Datasheet (PDF)

Go To PDF Page Download Datasheet
S29 Datasheet PDF - List of Unclassifed Manufacturers

Part # S29
Download  S29 Click to download

File Size   1049.07 Kbytes
Page   2 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS

S29 Datasheet (HTML) - List of Unclassifed Manufacturers


S29 Product details

[DACO SEMICONDUCTOR]

FEATURES:
● Plastic package has Underwriters Laboratory Flammability Classification 94V-0
● For surface mounted applications
● Low profile package
● Built-in strain relief
● Metal silicon junction, majority carrier conduction
● Low power loss, high efficiency
● High current capability, low forward voltage drop
● High surge capability
● For use in low voltage high frequency inverters, free wheeling, and polarity protection applications
● Guard ring for overvoltage protection
● High temperature soldering quaranteed: 250°C/10 seconds at terminals




Similar Part No. - S29

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
S29 FAIRCHILD-S29 Datasheet
49Kb / 3P
Schottky Rectifiers
logo
Bahco
S290 BAHCO-S290 Datasheet
61Kb / 1P
Socketry 1⁄4" Drive Sets
logo
SeCoS Halbleitertechnol...
S2930-33 SECOS-S2930-33 Datasheet
550Kb / 3P
250mA Fixed Low Dropout Voltage Regu lator
logo
Schneider Electric
S29305 SCHNEIDER-S29305 Datasheet
124Kb / 2P
H, L, J-FRAME MOULDED CASE CIRCUIT BREAKER 35mm DIN RAIL MOUNTING KIT
Apr 19, 2021
S29313 SCHNEIDER-S29313 Datasheet
98Kb / 2P
H, J-FRAME MOULDED CASE CIRCUIT BREAKER HANDLE FIXED TOGGLE EXTENSION
Apr 19, 2021
More results


Similar Description - S29

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B220A WEITRON-B220A Datasheet
75Kb / 3P
Surface Mount Schottky Barrier Rectifiers
B320A WEITRON-B320A Datasheet
166Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD820T PANJIT-SD820T_05 Datasheet
427Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
SS32 BILIN-SS32 Datasheet
86Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK12 BILIN-SK12 Datasheet
149Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
B320B BILIN-B320B Datasheet
97Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
Surface Mount Schottky Barrier Rectifiers
04-Aug-08
logo
SeCoS Halbleitertechnol...
SCS400D SECOS-SCS400D_15 Datasheet
434Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com