Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3612 Datasheet (PDF) - Power Innovations Ltd

R3612 Datasheet PDF - Power Innovations Ltd
Part # R3612
Download  R3612 Download
File Size   222.85 Kbytes
Page   16 Pages
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd
Description PROGRAMMABLE OVERVOLTAGE PROTECTOR FOR ERICSSON COMPONENTS 3357/3 DCLIC

R3612 Datasheet (PDF)

Go To PDF Page Download Datasheet
R3612 Datasheet PDF - Power Innovations Ltd

Part # R3612
Download  R3612 Click to download

File Size   222.85 Kbytes
Page   16 Pages
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd
Description PROGRAMMABLE OVERVOLTAGE PROTECTOR FOR ERICSSON COMPONENTS 3357/3 DCLIC

R3612 Datasheet (HTML) - Power Innovations Ltd


R3612 Product details

OVERVOLTAGE PROTECTION FOR ERICSSON COMPONENTS LINE INTERFACE CIRCUITS

description
The R3612 is a dual forward-conducting buffered p-gate over voltage protector in a plastic DIP package. It is designed to protect the Ericsson Components PBA 3357/3 DCLIC (Dual Channel Complete Line Interface Circuit) against over voltages on the telephone line caused by lightning, a.c. power contact and induction. The R3612 limits voltages that exceed the DCLIC supply rail voltage.

● PBA 3357/3 DCLIC Overvoltage Protector
● Dual Voltage-Programmable Protector
   - Wide 0 to -70 V Programming Range
   - Low Voltage Overshoot Crowbar and Diode
   - Low 5 mA max. Triggering Current
   - Does not Charge Gate Supply
   - Specified for 0°C to 70°C Operation
   - Plastic Dual-in-line Package
● Rated for International Surge Wave Shapes




Similar Part No. - R3612

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
R36120 MICROSEMI-R36120 Datasheet
115Kb / 3P
Silicon Power Rectifier
More results


Similar Description - R3612

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP61CAP3 POINN-TISP61CAP3 Datasheet
89Kb / 5P
PROGRAMMABLE OVERVOLTAGE PROTECTOR
TISPPBL2SD POINN-TISPPBL2SD Datasheet
293Kb / 15P
PROGRAMMABLE OVERVOLTAGE PROTECTORS FOR ERICSSON COMPONENTS PBL 3xxx SLICS
logo
Bourns Electronic Solut...
TISP3XXXH3SL BOURNS-TISP3XXXH3SL Datasheet
353Kb / 12P
Overvoltage Protector Series
TISP1XXXF3 BOURNS-TISP1XXXF3 Datasheet
752Kb / 13P
Overvoltage Protector
TISPPBL2SD BOURNS-TISPPBL2SD Datasheet
214Kb / 14P
PROGRAMMABLE OVERVOLTAGE PROTECTORS FOR ERICSSON COMPONENTS PBL 3xxx SLICS
TISP4A250H3BJ BOURNS-TISP4A250H3BJ Datasheet
535Kb / 8P
Overvoltage Protector
TISP9110LDM BOURNS-TISP9110LDM_07 Datasheet
212Kb / 5P
Overvoltage Protector
TISP61089HDM BOURNS-TISP61089HDM_07 Datasheet
279Kb / 7P
Overvoltage Protector
logo
Surge Components
SVG110S SURGE-SVG110S Datasheet
233Kb / 4P
Programmable Overvoltage Protector
logo
Bourns Electronic Solut...
TISP4P0XXL1N BOURNS-TISP4P0XXL1N Datasheet
397Kb / 5P
Overvoltage Protector Series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com