Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1065121 Datasheet (PDF) - PHOENIX CONTACT

1065121 Datasheet PDF - PHOENIX CONTACT
Part # 1065121
Download  1065121 Download
File Size   332.17 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description QPD STAK 3PE1,5 BK - Connector

1065121 Datasheet (PDF)

Go To PDF Page Download Datasheet
1065121 Datasheet PDF - PHOENIX CONTACT

Part # 1065121
Download  1065121 Click to download

File Size   332.17 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description QPD STAK 3PE1,5 BK - Connector

1065121 Datasheet (HTML) - PHOENIX CONTACT


1065121 Product details

Connector, product family: QPD, connection method: IDC connection, number of positions:
3+PE, 0.5 mm2 ... 1.5 mm2, 400 V, 16 A AC, black, with one QUICKON nut, external cable
diameter: 7 mm ... 13 mm, Connectors for the motor connection of Venetian blinds, blinds, roller
shutters, and awnings

Your advantages
• Compatible with all classic motor connections for Venetian blinds, blinds, roller shutters, and awnings
• Convenient: quick and easy assembly without special tools
• Innovative and time saving - QUICKON fast connection for time saving of up to 80 % for on-site connection
• Safer connection with mechanical coding to protect against mismatching, and touch-proof protection in accordance with DIN EN 0105




Similar Part No. - 1065121

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1065120000 WEIDMULLER-1065120000 Datasheet
682Kb / 7P
BLDF 5.08/08/180F SN OR BX
More results


Similar Description - 1065121

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1414707 PHOENIX-1414707 Datasheet
311Kb / 7P
T distributor - QPD T 3PE1,5 2X4-9 BK
1414709 PHOENIX-1414709 Datasheet
311Kb / 7P
T distributor - QPD T 3PE1,5 2X8-13 BK
1414710 PHOENIX-1414710 Datasheet
290Kb / 7P
T distributor - QPD T 3PE1,5 3X8-13 BK
1414677 PHOENIX-1414677 Datasheet
325Kb / 7P
Panel feed-through - QPD W 3PE1,5 4-9 M20 FC BK
01/21/2022
1414683 PHOENIX-1414683 Datasheet
325Kb / 7P
Panel feed-through - QPD W 3PE1,5 M20 FC BK
01/21/2022
1414703 PHOENIX-1414703 Datasheet
310Kb / 6P
Connector - QPD P 3PE1,5 4-9 BK
01/21/2022
1414704 PHOENIX-1414704 Datasheet
310Kb / 6P
Connector - QPD P 3PE1,5 8-13 BK
01/21/2022
1414696 PHOENIX-1414696 Datasheet
88Kb / 6P
Conductor connectors - QPD C 3PE1,5 2X4-9 BK
09/11/2020
1414698 PHOENIX-1414698 Datasheet
88Kb / 6P
Conductor connectors - QPD C 3PE1,5 2X8-13 BK
09/11/2020
1415098 PHOENIX-1415098 Datasheet
263Kb / 5P
Nut - QPD N 3PE1,5 8-13 BK
02/04/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com