Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1424019 Datasheet (PDF) - PHOENIX CONTACT

1424019 Datasheet PDF - PHOENIX CONTACT
Part # 1424019
Download  1424019 Download
File Size   289.36 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description QPD P4X2,5 6-10 GY GY - Connector

1424019 Datasheet (PDF)

Go To PDF Page Download Datasheet
1424019 Datasheet PDF - PHOENIX CONTACT

Part # 1424019
Download  1424019 Click to download

File Size   289.36 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description QPD P4X2,5 6-10 GY GY - Connector

1424019 Datasheet (HTML) - PHOENIX CONTACT


1424019 Product details

Connector, product family: QPD, connection method: IDC connection, 1 mm2 ... 2.5 mm2, 690 V,
20 A, PA, gray, with QUICKON nut, coding: Coding profile, external cable diameter: 6 mm ... 10
mm

Your advantages
• Innovative and time saving - QUICKON fast connection for time saving of up to 80 % for on-site connection
• Robust throughout: housing with IP68/IP69K and IK07 protection for a wide range of applications
• Safer connection with mechanical coding to protect against mismatching, and touch-proof protection in accordance with DIN EN 0105
• Easy maintenance – the connectors enable fast device replacement and preassembled cables simplify startup




Similar Part No. - 1424019

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1424010 PHOENIX-1424010 Datasheet
258Kb / 5P
Panel feed-through - QPD W4X2,5 M25 FC GY
02/04/2022
1424011 PHOENIX-1424011 Datasheet
102Kb / 6P
Panel feed-through - QPD W4X2,5 M25 DT GY
09/11/2020
1424017 PHOENIX-1424017 Datasheet
236Kb / 6P
SACC-DSIV-M12MS-8CON-L180 - Device connector rear mounting
More results


Similar Description - 1424019

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3032253 PHOENIX-3032253 Datasheet
59Kb / 2P
FBS 10-6 GY
1582372 PHOENIX-1582372 Datasheet
109Kb / 6P
Connectors - QPD P 4X2,5 6-10 GY
1582393 PHOENIX-1582393 Datasheet
80Kb / 5P
Conductor connectors - QPD C 4X2,5/2X6-10 GY
1582435 PHOENIX-1582435 Datasheet
74Kb / 6P
Nut - QPD N 2,5 6-10 GY
1582239 PHOENIX-1582239 Datasheet
113Kb / 6P
Connection distributor - QPD H 4X2,5 6-10 GY
1582295 PHOENIX-1582295 Datasheet
95Kb / 7P
Panel feed-through - QPD W 4X2,5 6-10 M25 DT GY
1582260 PHOENIX-1582260 Datasheet
106Kb / 6P
Connection distributor - QPD H 4X2,5 GY
1582288 PHOENIX-1582288 Datasheet
275Kb / 7P
Panel feed-through - QPD W 4X2,5 6-10 M25 FC GY
1424021 PHOENIX-1424021 Datasheet
93Kb / 6P
Conductor connectors - QPD C4X2,5/2X6-10 GY
09/11/2020
1424034 PHOENIX-1424034 Datasheet
96Kb / 6P
Conductor connectors - QPD CW4X2,5/2X6-10 GY
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com