Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1582575 Datasheet (PDF) - PHOENIX CONTACT

1582575 Datasheet PDF - PHOENIX CONTACT
Part # 1582575
Download  1582575 Download
File Size   332.59 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description QPD W 4PE2,5 9-16 M25 FC GY - Panel feed-through

1582575 Datasheet (PDF)

Go To PDF Page Download Datasheet
1582575 Datasheet PDF - PHOENIX CONTACT

Part # 1582575
Download  1582575 Click to download

File Size   332.59 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description QPD W 4PE2,5 9-16 M25 FC GY - Panel feed-through

1582575 Datasheet (HTML) - PHOENIX CONTACT


1582575 Product details

Panel feed-through, product family: QPD, connection method: Spade connection (For slip-on
sleeves according to DIN 46247-2)/ IDC connection, number of positions: 4+PE, M25, Pin, 1
mm2 ... 2.5 mm2, 690 V, 20 A, PA, gray, with QUICKON nut, coding: coded, external cable
diameter: 9 mm ... 16 mm




Similar Part No. - 1582575

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1582530 PHOENIX-1582530 Datasheet
335Kb / 6P
Environment friendly use period (EFUP)
1582533 PHOENIX-1582533 Datasheet
335Kb / 6P
Environment friendly use period (EFUP)
1582536 PHOENIX-1582536 Datasheet
331Kb / 6P
Environment friendly use period (EFUP)
1582545 PHOENIX-1582545 Datasheet
79Kb / 4P
Innovative and time saving - QUICKON fast connection for time saving of up to 80 % for on-site connection
1582548 PHOENIX-1582548 Datasheet
77Kb / 4P
Innovative and time saving - QUICKON fast connection for time saving of up to 80 % for on-site connection
More results


Similar Description - 1582575

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1582351 PHOENIX-1582351 Datasheet
90Kb / 7P
Panel feed-through - QPD W 4X2,5 M25 FC GY
1582178 PHOENIX-1582178 Datasheet
93Kb / 7P
Panel feed-through - QPD W 3PE2,5 9-14 M25 FC BK
1582196 PHOENIX-1582196 Datasheet
98Kb / 7P
Panel feed-through - QPD W 3PE2,5 M25 FC BK
1582316 PHOENIX-1582316 Datasheet
95Kb / 7P
Panel feed-through - QPD W 4X2,5 9-14 M25 FC GY
1582323 PHOENIX-1582323 Datasheet
95Kb / 7P
Panel feed-through - QPD W 4X2,5 9-14 M25 DT GY
1582288 PHOENIX-1582288 Datasheet
275Kb / 7P
Panel feed-through - QPD W 4X2,5 6-10 M25 FC GY
1414735 PHOENIX-1414735 Datasheet
351Kb / 7P
Panel feed-through - QPD W 4PE1,5 9-14 M25 FC BK
01/21/2022
1414738 PHOENIX-1414738 Datasheet
378Kb / 7P
Panel feed-through - QPD W 4PE1,5 M25 FC BK
01/21/2022
1424010 PHOENIX-1424010 Datasheet
258Kb / 5P
Panel feed-through - QPD W4X2,5 M25 FC GY
02/04/2022
1582559 PHOENIX-1582559 Datasheet
130Kb / 9P
Panel feed-through - QPD W 4PE2,5 6-11 M25 FC BK
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com