Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1A Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

S1A Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # S1A
Download  S1A Download
File Size   54.34 Kbytes
Page   2 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 1.0 AMP. Surface Mount Rectifiers

S1A Datasheet (PDF)

Go To PDF Page Download Datasheet
S1A Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # S1A
Download  S1A Click to download

File Size   54.34 Kbytes
Page   2 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 1.0 AMP. Surface Mount Rectifiers

S1A Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


S1A Product details

Features
◇ For surface mounted application
◇ Glass passivated chip junction
◇ Low forward voltage drop
◇ High current capability
◇ Easy pick and place
◇ High surge current capability
◇ Qualified as per AEC-Q101
◇ Plastic material used carries Underwriters
   Laboratory Classification 94V-0
◇ Green compound with suffix "G" on packing
   code & prefix "G" on datecode
◇ High temperature soldering:
   260℃ /10 seconds at terminals




Similar Part No. - S1A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S1A PANJIT-S1A Datasheet
74Kb / 2P
SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
NXP Semiconductors
S1A PHILIPS-S1A Datasheet
59Kb / 12P
SMA controlled avalanche rectifiers
2000 Feb 14
logo
Surge Components
S1A SURGE-S1A Datasheet
86Kb / 2P
SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 1.0 Ampere???
logo
Transys Electronics
S1A TRSYS-S1A Datasheet
145Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Won-Top Electronics
S1A WTE-S1A Datasheet
48Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results


Similar Description - S1A

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
GS1A JGD-GS1A Datasheet
149Kb / 2P
1.0 AMP. SURFACE MOUNT RECTIFIERS
logo
Taiwan Semiconductor Co...
S1AL TSC-S1AL Datasheet
49Kb / 2P
1.0 AMP. Surface Mount Rectifiers
S1A TSC-S1A_1 Datasheet
132Kb / 2P
1.0 AMP. Surface Mount Rectifiers
S1AB TSC-S1AB_1 Datasheet
248Kb / 2P
1.0 AMP. Surface Mount Rectifiers
S1AL TSC-S1AL_1 Datasheet
375Kb / 2P
1.0 AMP. Surface Mount Rectifiers
S1AS TSC-S1AS Datasheet
577Kb / 2P
1.0 AMP. Surface Mount Rectifiers
S1AB TSC-S1AB_10 Datasheet
509Kb / 2P
1.0 AMP. Surface Mount Rectifiers
logo
MAKO SEMICONDUCTOR CO.,...
1N4001 MAKOSEMI-1N4001 Datasheet
97Kb / 2P
1.0 AMP. Surface Mount Rectifiers
1N4002 MAKOSEMI-1N4002 Datasheet
97Kb / 2P
1.0 AMP. Surface Mount Rectifiers
1N4005 MAKOSEMI-1N4005 Datasheet
97Kb / 2P
1.0 AMP. Surface Mount Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com