Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUZ110S Datasheet (PDF) - Infineon Technologies AG

BUZ110S Datasheet PDF - Infineon Technologies AG
Part # BUZ110S
Download  BUZ110S Download
File Size   139.69 Kbytes
Page   8 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description SIPMOS짰 Power Transistor

BUZ110S Datasheet (PDF)

Go To PDF Page Download Datasheet
BUZ110S Datasheet PDF - Infineon Technologies AG

Part # BUZ110S
Download  BUZ110S Click to download

File Size   139.69 Kbytes
Page   8 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description SIPMOS짰 Power Transistor

BUZ110S Datasheet (HTML) - Infineon Technologies AG


BUZ110S Product details

SIPMOS Power Transistor



Product Summary

Drain source voltage VDS  55V

Drain-Source on-state resistance RDS(on) 0.01Ω

Continuous drain current ID  80A



Features

• N channel

• Enhancement mode

• Avalanche rated

• dv/dtrated

• 175 ˚C operating temperature




Similar Part No. - BUZ110S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ110S SIEMENS-BUZ110S Datasheet
122Kb / 8P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
BUZ110SL SIEMENS-BUZ110SL Datasheet
121Kb / 8P
SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated)
More results


Similar Description - BUZ110S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP80N06S-08 INFINEON-SPP80N06S-08 Datasheet
171Kb / 8P
SIPMOS짰 Power-Transistor
Rev. 1.0 2004-11-30
SPI47N10L INFINEON-SPI47N10L_02 Datasheet
114Kb / 8P
SIPMOS짰 Power-Transistor
2002-01-09
BSS138NH6327 INFINEON-BSS138NH6327 Datasheet
463Kb / 9P
SIPMOS짰 Small-Signal-Transistor
Rev. 2.86 2012-04-17
SPP15P10PLH INFINEON-SPP15P10PLH Datasheet
767Kb / 10P
SIPMOS짰 Power-Transistor
Rev 1.4 2011-09-01
SPD15P10PL INFINEON-SPD15P10PL Datasheet
763Kb / 10P
SIPMOS짰 Power-Transistor
Rev 1.5 2012-09-03
SPD08P06PG INFINEON-SPD08P06PG_12 Datasheet
605Kb / 9P
SIPMOS짰 Power-Transistor
Rev 1.92 2012-09-10
SPD04P10PLG INFINEON-SPD04P10PLG Datasheet
463Kb / 9P
SIPMOS짰 Power-Transistor
Rev 1.6 2012-09-10
SPD04P10PG INFINEON-SPD04P10PG Datasheet
479Kb / 9P
SIPMOS짰 Power-Transistor
Rev 1.6 2012-09-10
SPB18P06PG INFINEON-SPB18P06PG_12 Datasheet
446Kb / 8P
SIPMOS짰 Power-Transistor
Rev 1.6 2012-09-07
SPB08P06P INFINEON-SPB08P06P_12 Datasheet
273Kb / 8P
SIPMOS짰 Power-Transistor
Rev 1.7 2012-09-07
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com