Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4741A Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

1N4741A Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # 1N4741A
Download  1N4741A Download
File Size   86.97 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Glass Passivated Junction Silicon Zener Diode

1N4741A Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4741A Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # 1N4741A
Download  1N4741A Click to download

File Size   86.97 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Glass Passivated Junction Silicon Zener Diode

1N4741A Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


1N4741A Product details

Features

♦ Low profile package

♦ Built-in strain relief

♦ Glass passivated junction

♦ Low inductance

♦ Typical IR less than 5uA above 11V

♦ High temperature soldering guaranteed: 260℃ / 10 seconds at terminals

♦ Plastic package has Underwriters

   Laboratory Flammability Classification 94V-0

♦ Green compound with suffix "G" on packing code & prefix "G" on datecode



 




Similar Part No. - 1N4741A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4741A PHILIPS-1N4741A Datasheet
31Kb / 6P
Voltage regulator diodes
1996 Apr 26
logo
Transys Electronics
1N4741A TRSYS-1N4741A Datasheet
348Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Rectron Semiconductor
1N4741A RECTRON-1N4741A Datasheet
19Kb / 2P
1W 5% DO-41 ZENER DIODE
logo
Fairchild Semiconductor
1N4741A FAIRCHILD-1N4741A Datasheet
22Kb / 2P
One Watt Zeners
logo
Dc Components
1N4741A DCCOM-1N4741A Datasheet
214Kb / 2P
TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
More results


Similar Description - 1N4741A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1N4741A TRSYS-1N4741A Datasheet
348Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N5926B TRSYS-1N5926B Datasheet
204Kb / 3P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
2EZ11 TRSYS-2EZ11 Datasheet
339Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
3EZ11 TRSYS-3EZ11 Datasheet
282Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Pan Jit International I...
1N4728A PANJIT-1N4728A Datasheet
395Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4728A PANJIT-1N4728A_04 Datasheet
360Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4729A PANJIT-1N4729A Datasheet
803Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4736A PANJIT-1N4736A Datasheet
379Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A Datasheet
5Mb / 5P
Glass Passivated Junction Silicon Zener Diode
logo
WILLAS ELECTRONIC CORP
1N4728A WILLAS-1N4728A Datasheet
627Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com