Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1W10 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

1W10 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # 1W10
Download  1W10 Download
File Size   265.06 Kbytes
Page   2 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Single Phase 1.0 AMP. Silicon Bridge Rectifiers

1W10 Datasheet (PDF)

Go To PDF Page Download Datasheet
1W10 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # 1W10
Download  1W10 Click to download

File Size   265.06 Kbytes
Page   2 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Single Phase 1.0 AMP. Silicon Bridge Rectifiers

1W10 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


1W10 Product details

Features
◇ UL Recognized File # E-96005
◇ Surge overload ratings to 30 amperes peak
◇ Ideal for printed circuit board
◇ Reliable low cost construction technique
   results in inexpensive product
◇ High temperature soldering guaranteed:
   260 °C / 10 seconds / 0.375” ( 9.5mm )
   lead length at 5 lbs., ( 2.3 kg ) tension




Similar Part No. - 1W10

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1W10 JGD-1W10 Datasheet
129Kb / 2P
SINGLE PHASE 1.0 AMP SILICON BRIDGE RECTIFIERS
logo
Electronic devices inc.
1W10 EDI-1W10 Datasheet
116Kb / 1P
EDI Single-1 to 12 Amperes Commercial Grade Bridges
logo
Multicomp Pro
1W10 MULTICOMP-1W10 Datasheet
182Kb / 4P
Single Phase Bridge Rectifiers
23/05/06 V1.0
logo
List of Unclassifed Man...
1W1003 ETC-1W1003 Datasheet
790Kb / 1P
1.00mm (0.039')PITCH CONNECTOR
1W1003WOR0-02 ETC-1W1003WOR0-02 Datasheet
790Kb / 1P
1.00mm (0.039')PITCH CONNECTOR
More results


Similar Description - 1W10

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1W005 JGD-1W005 Datasheet
129Kb / 2P
SINGLE PHASE 1.0 AMP SILICON BRIDGE RECTIFIERS
logo
Bytes
DB101 BYTES-DB101 Datasheet
147Kb / 2P
SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
Formosa MS
DB101 FORMOSA-DB101 Datasheet
34Kb / 2P
SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
RS101 FORMOSA-RS101 Datasheet
31Kb / 2P
SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
DI101 FORMOSA-DI101 Datasheet
62Kb / 2P
SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
1W005M TSC-1W005M Datasheet
69Kb / 2P
Single Phase 1.0 AMP. Silicon Bridge Rectifiers
1W005M TSC-1W005M_1 Datasheet
267Kb / 2P
Single Phase 1.0 AMP. Silicon Bridge Rectifiers
logo
UNIOHM CORPORATION
RS101 UNIOHM-RS101 Datasheet
61Kb / 2P
SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
DB101 GWSEMI-DB101 Datasheet
63Kb / 2P
SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
Shenzhen Yixinwei Techn...
DB101 YIXIN-DB101 Datasheet
236Kb / 2P
SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com