Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS25762-Q1 Datasheet (PDF) - Texas Instruments

TPS25762-Q1 Datasheet PDF - Texas Instruments
Part # TPS25762-Q1
Download  TPS25762-Q1 Download
File Size   11212.13 Kbytes
Page   88 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS25763-Q1 Automotive USB Type-C® Power Delivery Controller with Buck-Boost Regulator and DisplayPort™ Alternate Mode over USB-C®

TPS25762-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS25762-Q1 Datasheet PDF - Texas Instruments

Part # TPS25762-Q1
Download  TPS25762-Q1 Click to download

File Size   11212.13 Kbytes
Page   88 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS25763-Q1 Automotive USB Type-C® Power Delivery Controller with Buck-Boost Regulator and DisplayPort™ Alternate Mode over USB-C®

TPS25762-Q1 Datasheet (HTML) - Texas Instruments


TPS25762-Q1 Product details

1 Features
• AEC-Q100 qualified with the following results:
– Device temperature grade 1: –40°C to +125°C
ambient operating temperature range
– Device HBM ESD classification level 2
– Device CDM ESD classification level C2b
– Enhanced connector pin ESD protection
• USB power delivery (PD) controller with
programmable power supply (PPS) support
– Wide VIN: 5.5V to 18V (40V maximum)
– Integrated buck-boost with 4 power switches
supporting up to 65W USB PD output power
– VBUS output: 3.3–21V with ±20mV step size
– IBUS output: 0–3A with ±50mA current limit step
size
– Alternate mode support
• DisplayPort™
– VBUS short circuit to VBAT and GND protection
– VBUS cable droop compensation
– MFi overcurrent protection
– Switching frequency: 300, 400, 450kHz
– DC/DC sync in/out with dithering
• USB port configuration options
– 1 USB-PD port (TPS25762-Q1)
– 1 USB-PD port with DisplayPort™ over USBC
™ (DP alternate mode) (TPS25763-Q1)
– 2 USB-PD ports (TPS25772-Q1)
• Compliant to USB
– USB Type-C® power delivery Rev 3.1
• TPS25762-Q1: USB–IF certification with
PPS, TID: 9509
• TPS25772-Q1: USB–IF certification with
PPS, TID: 9161
• CC logic, VCONN source and discharge
• USB cable polarity detection
– Battery charging specification v1.2 (BC1.2)
• DCP: dedicated charging port
• Legacy fast charging
– 2.7V divider-3 mode
– 1.2V divider mode
– high voltage DCP Protocol
• Microcontroller core allows
– Firmware updates
– Supply voltage and temperature-dependent
power management
• Short to VBUS and VBAT protection
– VBUS
– Px_ DP and Px_DM
– Px_CC1 and Px_CC2
• HotRod™ QFN package with wettable flank

2 Applications
• Automotive USB Charge
• Automotive Media Hub
• Automotive Head Unit
• Automotive Rear Seat Entertainment

3 Description
The TPS25763-Q1 is a fully integrated USB Type-C®
Power Delivery (PD) solution with integrated Buck-
Boost converter and DisplayPort™ Alternate (Alt)
Mode over USB-C® for automotive single USB port
applications. Functionality includes: integrated Buck-
Boost converter with 4 power switches; an ARM®
Cortex®-M0; USB port controller with Type-C cable
plug and orientation detection; DisplayPort Alt Mode;
USB Battery Charging Specification Version 1.2
(BC1.2) detection; USB Endpoint PHY; device power
management and supervisory circuitry; and connector
pin over-voltage and short-circuit protection.
An intelligent System Power Management (SPM)
Engine maximizes delivered USB power while
protecting the system from automotive battery
transient and over-temperature conditions.
Device configuration settings are selected through an
intuitive graphical user interface (GUI).




Similar Part No. - TPS25762-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25762-Q1 TI-TPS25762-Q1 Datasheet
10Mb / 88P
TPS25762-Q1 Automotive USB Type-C® Power Delivery Controller with Buck-Boost Regulator
DECEMBER 2022
TPS25762-Q1 TI-TPS25762-Q1 Datasheet
10Mb / 90P
TPS25772-Q1 Automotive Dual USB Type-C® Power Delivery Controller with Buck- Boost Regulator
DECEMBER 2022
TPS25762-Q1 TI-TPS25762-Q1 Datasheet
11Mb / 93P
TPS25762-Q1 Automotive USB Type-C® Power Delivery Controller with Buck-Boost Regulator
REVISED SEPTEMBER 2023
TPS25762-Q1 TI-TPS25762-Q1 Datasheet
11Mb / 94P
TPS25772-Q1 Automotive Dual USB Type-C® Power Delivery Controller with Buck- Boost Regulator
REVISED SEPTEMBER 2023
TPS25762-Q1 TI-TPS25762-Q1_V01 Datasheet
11Mb / 93P
TPS25762-Q1 Automotive USB Type-C® Power Delivery Controller with Buck-Boost Regulator
REVISED SEPTEMBER 2023
More results


Similar Description - TPS25762-Q1

ManufacturerPart #DatasheetDescription
logo
Rohm
BM92A50MWV ROHM-BM92A50MWV Datasheet
1Mb / 35P
USB Type-C Power Delivery Controller
logo
Cypress Semiconductor
CYPD1120 CYPRESS-CYPD1120 Datasheet
672Kb / 24P
USB Power Delivery Alternate Mode Controller on Type-C
logo
Analog Devices
LT8253 AD-LT8253 Datasheet
906Kb / 20P
40V USB Type-C Power Delivery Buck-Boost Controller
logo
Texas Instruments
TPS25772-Q1 TI-TPS25772-Q1 Datasheet
454Kb / 7P
TPS25772-Q1 Automotive Dual USB Type-C Power Delivery Controller with Buck-Boost Regulator
TPS25762-Q1 TI-TPS25762-Q1 Datasheet
10Mb / 88P
TPS25762-Q1 Automotive USB Type-C® Power Delivery Controller with Buck-Boost Regulator
DECEMBER 2022
TPS25772-Q1 TI-TPS25772-Q1_V01 Datasheet
10Mb / 90P
TPS25772-Q1 Automotive Dual USB Type-C® Power Delivery Controller with Buck- Boost Regulator
DECEMBER 2022
logo
Renesas Technology Corp
RAA489000 RENESAS-RAA489000 Datasheet
142Kb / 3P
Buck-Boost Configurable Battery Charger with USB Power Delivery and USB Type-C® Port Controller Interface (TCPCI)
Apr 8, 2021
logo
Silicon Mitus, Inc.
SM5517 SILICONMITUS-SM5517 Datasheet
646Kb / 2P
USB TYPE-C Controller with Power Delivery
May 2019 Rev. 0.0.9
logo
Texas Instruments
TPS25762-Q1 TI-TPS25762-Q1_V01 Datasheet
11Mb / 93P
TPS25762-Q1 Automotive USB Type-C® Power Delivery Controller with Buck-Boost Regulator
REVISED SEPTEMBER 2023
TPS25772-Q1 TI-TPS25772-Q1_V02 Datasheet
11Mb / 94P
TPS25772-Q1 Automotive Dual USB Type-C® Power Delivery Controller with Buck- Boost Regulator
REVISED SEPTEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com