Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARS50A Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

ARS50A Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # ARS50A
Download  ARS50A Download
File Size   290.0 Kbytes
Page   2 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 50.0 AMPS. High Current Button Rectifiers

ARS50A Datasheet (PDF)

Go To PDF Page Download Datasheet
ARS50A Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # ARS50A
Download  ARS50A Click to download

File Size   290.0 Kbytes
Page   2 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 50.0 AMPS. High Current Button Rectifiers

ARS50A Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


ARS50A Product details

Features
◇ Plastic material used carries Underwriters
   Laboratory Classification 94V-O
◇ Low cost construction utilizing void-free molded
   plastic technique
◇ Low cost
◇ Diffused junction
◇ Low leakage
◇ High surge capability
◇ High temperature soldering guaranteed:
   260°C for 10 seconds




Similar Part No. - ARS50A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
ARS50A WTE-ARS50A Datasheet
24Kb / 2P
50A AUTOMOTIVE BUTTON DIODE
logo
Taiwan Semiconductor Co...
ARS50A TSC-ARS50A Datasheet
73Kb / 2P
50.0 AMPS. High Current Plastic Silicon Rectifiers
logo
Won-Top Electronics
ARS50A WTE-ARS50A Datasheet
68Kb / 3P
50A AUTOMOTIVE BUTTON DIODE
logo
Taiwan Semiconductor Co...
ARS50A TSC-ARS50A Datasheet
564Kb / 2P
50.0 AMPS. High Current Button Rectifiers
logo
Yangzhou yangjie electr...
ARS50A YANGJIE-ARS50A Datasheet
148Kb / 2P
Silicon Rectifier
More results


Similar Description - ARS50A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
ARS50 TSC-ARS50 Datasheet
73Kb / 2P
50.0 AMPS. High Current Plastic Silicon Rectifiers
ARS TSC-ARS Datasheet
340Kb / 2P
25.0 AMPS. High Current Button Rectifiers
AR35 TSC-AR35 Datasheet
289Kb / 2P
35.0 AMPS. High Current Button Rectifiers
logo
Yangzhou yangjie electr...
ARS50 YANGJIE-ARS50 Datasheet
749Kb / 2P
50.0 AMPS. HIGH CURRENT PLASTIC SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
AR25 TSC-AR25 Datasheet
560Kb / 2P
25.0 AMPS. High Current Button Rectifiers
AR35 TSC-AR35_10 Datasheet
562Kb / 2P
35.0 AMPS. High Current Button Rectifiers
AR50 TSC-AR50_10 Datasheet
556Kb / 2P
50.0 AMPS. High Current Button Rectifiers
ARS25 TSC-ARS25_10 Datasheet
569Kb / 2P
25.0 AMPS. High Current Button Rectifiers
ARS35 TSC-ARS35_10 Datasheet
563Kb / 2P
35.0 AMPS. High Current Button Rectifiers
ARS50 TSC-ARS50_10 Datasheet
564Kb / 2P
50.0 AMPS. High Current Button Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com