Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAO-2734030345-KF-R1 Datasheet (PDF) - Eravant

SAO-2734030345-KF-R1 Datasheet PDF - Eravant
Part # SAO-2734030345-KF-R1
Download  SAO-2734030345-KF-R1 Download
File Size   694.24 Kbytes
Page   3 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description Ka-Band Omnidirectional Antenna, 45 Degree, 3 dBi Gain

SAO-2734030345-KF-R1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SAO-2734030345-KF-R1 Datasheet PDF - Eravant

Part # SAO-2734030345-KF-R1
Download  SAO-2734030345-KF-R1 Click to download

File Size   694.24 Kbytes
Page   3 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description Ka-Band Omnidirectional Antenna, 45 Degree, 3 dBi Gain

SAO-2734030345-KF-R1 Datasheet (HTML) - Eravant


SAO-2734030345-KF-R1 Product details

Description:
Model SAO-2734030345-KF-R1 is a full band, Ka band omnidirectional antenna that covers the frequency range of 26.5 and 40 GHz. This vertically polarized antenna offers 360 degrees azimuth coverage with a 3 dBi typical gain and ±1 dB nominal gain flatness. The antenna features a half power beamwidth of 45 degrees in its vertical direction. The RF port of the antenna is equipped with right angle K(F) coaxial connector. The version with an end launch K(F) connector is offered under model number, SAO-2734030345-KF-S1, the WR-28 waveguide interface is offered under model number, SAO-2734030345-28-S1.
Features:
• 360˚ Azimuth Coverage
• 45° Vertical 3 dB Beamwidth
• Vertically Polarized
• Full Band Operation
Applications:
• 5G Systems
• Communication Links
• EW Systems
• Indoor Local Area Networks




Similar Part No. - SAO-2734030345-KF-R1

ManufacturerPart #DatasheetDescription
logo
Eravant
SAO-2734030345-KF-S1 ERAVANT-SAO-2734030345-KF-S1 Datasheet
707Kb / 3P
Ka-Band Omnidirectional Antenna, 45 Degree, 3 dBi Gain
Rev 1.1
More results


Similar Description - SAO-2734030345-KF-R1

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
WAN09RSP HONEYWELL-WAN09RSP Datasheet
846Kb / 1P
3.0 dBi ANTENNA
logo
List of Unclassifed Man...
OMB891203F21 ETC2-OMB891203F21 Datasheet
523Kb / 11P
3 dBi Penta-band Cellular Indoor/Outdoor Omni-Directional Antenna
logo
Pulse A Technitrol Comp...
RO5805NM PULSE-RO5805NM Datasheet
993Kb / 2P
Omnidirectional Antenna
logo
Laird Tech Smart Techno...
R2T9-12 LSTD-R2T9-12 Datasheet
1Mb / 2P
Low Profile 12 dBi antenna gain
FG16397 LSTD-FG16397 Datasheet
1Mb / 2P
Quad-band Omnidirectional Antenna
logo
Taoglas antenna solutio...
OMB691203F21 TAOGLAS-OMB691203F21 Datasheet
1Mb / 20P
4G 698-960Mhz and 1710-2700MHz 4.5 dBi Omnidirectional Outdoor Antenna
OMB891203F21 TAOGLAS-OMB891203F21 Datasheet
523Kb / 11P
3 dBi Penta-band Cellular Indoor/Outdoor Omni-Directional Antenna
OMB.8912.03F21 TAOGLAS-OMB.8912.03F21_18 Datasheet
877Kb / 12P
Barracuda - 3 dBi Penta-band Cellular
OMB.6912.03F21 TAOGLAS-OMB.6912.03F21_18 Datasheet
1Mb / 22P
4G 698-960Mhz and 1710-2700MHz 4.5 dBi Omnidirectional Outdoor Antenna
logo
Suzhou Maswell Communic...
AN_GSM_825-1 MASWELL-AN_GSM_825-1 Datasheet
226Kb / 2P
4G Antenna High Gain 5 dBi Long Monopole 700MHz Band Included
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com