Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HER504G Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

HER504G Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # HER504G
Download  HER504G Download
File Size   269.1 Kbytes
Page   2 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 5.0 AMP. Glass Passivated High Efficient Rectifiers

HER504G Datasheet (PDF)

Go To PDF Page Download Datasheet
HER504G Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # HER504G
Download  HER504G Click to download

File Size   269.1 Kbytes
Page   2 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 5.0 AMP. Glass Passivated High Efficient Rectifiers

HER504G Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


HER504G Product details

Features
Glass passivated chip junction.
High efficiency, Low VF
High current capability
High reliability
High surge current capability
For use in low voltage, high frequency inventor, free wheeling, and polarity protection application.

Mechanical Data
Cases: Molded plastic
Epoxy: UL 94V0 rate flame retardant
Lead: Pure tin plated, lead free, solderable per MIL-STD-202, method 208 guaranteed
Polarity: Color band denotes cathode
High temperature soldering guaranteed: 260℃/10 seconds/.375”,(9.5mm) lead lengths at 5 lbs., (2.3kg) tension
Weight: 1.65grams




Similar Part No. - HER504G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HER504G ETC-HER504G Datasheet
142Kb / 2P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
UNIOHM CORPORATION
HER504G UNIOHM-HER504G Datasheet
69Kb / 2P
5.0 AMP GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
MIC GROUP RECTIFIERS
HER504G MIC-HER504G Datasheet
84Kb / 2P
HER501G
logo
Chongqing Pingwei Enter...
HER504G CHONGQING-HER504G Datasheet
39Kb / 1P
HIGH EFFICIENCY PLASTIC RECTIFIER
logo
SeCoS Halbleitertechnol...
HER504G SECOS-HER504G Datasheet
257Kb / 2P
Glass Passivated High Efficiency Rectifiers
More results


Similar Description - HER504G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HT11G TSC-HT11G Datasheet
64Kb / 2P
1.0 AMP. Glass Passivated High Efficient Rectifiers
HER101G TSC-HER101G Datasheet
70Kb / 2P
1.0 AMP. Glass Passivated High Efficient Rectifiers
HER101G TSC-HER101G_10 Datasheet
611Kb / 2P
1.0 AMP. Glass Passivated High Efficient Rectifiers
HER101SG TSC-HER101SG_10 Datasheet
588Kb / 2P
1.0 AMP. Glass Passivated High Efficient Rectifiers
HT11G TSC-HT11G_10 Datasheet
563Kb / 2P
1.0 AMP. Glass Passivated High Efficient Rectifiers
MUR160 TSC-MUR160_10 Datasheet
504Kb / 2P
1.0 AMP. Glass Passivated High Efficient Rectifiers
UF4001 TSC-UF4001_10 Datasheet
599Kb / 2P
1.0 AMP. Glass Passivated High Efficient Rectifiers
logo
Micro Commercial Compon...
HER502GP MCC-HER502GP_13 Datasheet
647Kb / 3P
5.0 Amp Glass Passivated High Efficient Rectifiers 100 to 600 Volts
logo
Taiwan Semiconductor Co...
UF1A TSC-UF1A_13 Datasheet
433Kb / 4P
1.0 AMP. Glass Passivated High Efficient Rectifiers
logo
Shenzhen Luguang Electr...
HER101SG LUGUANG-HER101SG Datasheet
1Mb / 2P
1.0 AMP. Glass Passivated High Efficient Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com