Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNO1280B1 Datasheet (PDF) - Rakon Limited

LNO1280B1 Datasheet PDF - Rakon Limited
Part # LNO1280B1
Download  LNO1280B1 Download
File Size   632.48 Kbytes
Page   4 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description Low Noise Oscillator series OCSO @ 1280 MHz

LNO1280B1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LNO1280B1 Datasheet PDF - Rakon Limited

Part # LNO1280B1
Download  LNO1280B1 Click to download

File Size   632.48 Kbytes
Page   4 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description Low Noise Oscillator series OCSO @ 1280 MHz

LNO1280B1 Datasheet (HTML) - Rakon Limited


LNO1280B1 Product details

Product Description
LNO 1280 B1 is a low noise OCVCSO (Oven Controlled, Voltage controlled, SAW Oscillator) at 1280 MHz.
It is composed of a SAW oscillator at 320 MHz fundamental frequency, followed by a frequency quadrupler.
LNO 1280 B1 is designed for routine environment (test equipment, shelter, ground based military equipment…). It is available in a 95.3mm x 76.2mm x 23.3mm package.

Features
 Excellent phase noise performance (typical value) :
o -140 dBc/Hz @ 1kHz offset
o -166 dBc/Hz noise floor
 Broadband jitter < 10 fs (offset frequencies from 10 kHz to 100 MHz)

Applications
 Instrumentation (test equipment, simulator)
 Ground based military equipment as per MIL-PRF-28800F, Class 3
 Low jitter clock for high speed ADC




Similar Part No. - LNO1280B1

ManufacturerPart #DatasheetDescription
logo
TEMEX
LNO1280B1 TEMEX-LNO1280B1 Datasheet
583Kb / 4P
Low Noise Oscillator
More results


Similar Description - LNO1280B1

ManufacturerPart #DatasheetDescription
logo
TEMEX
SRB232 TEMEX-SRB232 Datasheet
253Kb / 4P
Ultra Low Noise SAW Oscillator @ 320 MHz
logo
TriQuint Semiconductor
880368 TRIQUINT-880368_15 Datasheet
234Kb / 6P
1280 MHz BAW Filter
logo
TEMEX
LNO100 TEMEX-LNO100 Datasheet
873Kb / 9P
Low Noise Oscillator series
LNO500D1 TEMEX-LNO500D1 Datasheet
820Kb / 5P
Low Noise Oscillator
LNO800E1 TEMEX-LNO800E1 Datasheet
814Kb / 5P
Low Noise Oscillator
LNO1280B1 TEMEX-LNO1280B1 Datasheet
583Kb / 4P
Low Noise Oscillator
LNO4800B3 TEMEX-LNO4800B3 Datasheet
794Kb / 5P
Low Noise Oscillator
LNO5000B3 TEMEX-LNO5000B3 Datasheet
793Kb / 5P
Low Noise Oscillator series
LNO1000B1 TEMEX-LNO1000B1 Datasheet
469Kb / 3P
Low Noise Oscillator series
logo
Qorvo, Inc
880368 QORVO-880368 Datasheet
234Kb / 6P
1280 MHz BAW Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com