Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNO5000B3 Datasheet (PDF) - Rakon Limited

LNO5000B3 Datasheet PDF - Rakon Limited
Part # LNO5000B3
Download  LNO5000B3 Download
File Size   817.73 Kbytes
Page   5 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description Low Noise Oscillator series OCSO @ 5000 MHz

LNO5000B3 Datasheet (PDF)

Go To PDF Page Download Datasheet
LNO5000B3 Datasheet PDF - Rakon Limited

Part # LNO5000B3
Download  LNO5000B3 Click to download

File Size   817.73 Kbytes
Page   5 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description Low Noise Oscillator series OCSO @ 5000 MHz

LNO5000B3 Datasheet (HTML) - Rakon Limited


LNO5000B3 Product details

Product Description
LNO 5000 B3 is a low noise oscillator generating an output signal at 5000 MHz.
It is composed by an OCSO (Oven Controlled SAW Oscillator) at 500 MHz fundamental frequency, followed by a frequency multiplier x10. It can optionally include a PLL to be phase locked on an external 10MHz reference.
LNO 5000 B3 is designed for routine environment (test equipment, shelter, ground based military equipment ...). It is available in a 120.7mm x 76.2mm x 23.3mm package.

Features
Excellent phase noise performance (typical values) :
 -123 dBc/Hz @ 1 kHz offset
 -148 dBc/Hz @ 10 kHz offset
 -157dBc/Hz noise floor

Applications
 Instrumentation (test equipment, simulator)
 Ground based military equipment as per MIL-PRF-28800F, Class 3
 Clock for high speed ADC




Similar Part No. - LNO5000B3

ManufacturerPart #DatasheetDescription
logo
TEMEX
LNO5000B3 TEMEX-LNO5000B3 Datasheet
793Kb / 5P
Low Noise Oscillator series
More results


Similar Description - LNO5000B3

ManufacturerPart #DatasheetDescription
logo
TEMEX
SRB232 TEMEX-SRB232 Datasheet
253Kb / 4P
Ultra Low Noise SAW Oscillator @ 320 MHz
LNO100 TEMEX-LNO100 Datasheet
873Kb / 9P
Low Noise Oscillator series
LNO480B1 TEMEX-LNO480B1 Datasheet
588Kb / 4P
Low Noise Oscillator
LNO500B2 TEMEX-LNO500B2 Datasheet
579Kb / 4P
Low Noise Oscillator
LNO500D1 TEMEX-LNO500D1 Datasheet
820Kb / 5P
Low Noise Oscillator
LNO800E1 TEMEX-LNO800E1 Datasheet
814Kb / 5P
Low Noise Oscillator
LNO1280B1 TEMEX-LNO1280B1 Datasheet
583Kb / 4P
Low Noise Oscillator
LNO4800B3 TEMEX-LNO4800B3 Datasheet
794Kb / 5P
Low Noise Oscillator
LNO5000B3 TEMEX-LNO5000B3 Datasheet
793Kb / 5P
Low Noise Oscillator series
LNO1000B1 TEMEX-LNO1000B1 Datasheet
469Kb / 3P
Low Noise Oscillator series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com