Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNO640B1 Datasheet (PDF) - Rakon Limited

LNO640B1 Datasheet PDF - Rakon Limited
Part # LNO640B1
Download  LNO640B1 Download
File Size   629.35 Kbytes
Page   4 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description Low Noise Oscillator series OCSO @ 640 MHz

LNO640B1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LNO640B1 Datasheet PDF - Rakon Limited

Part # LNO640B1
Download  LNO640B1 Click to download

File Size   629.35 Kbytes
Page   4 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description Low Noise Oscillator series OCSO @ 640 MHz

LNO640B1 Datasheet (HTML) - Rakon Limited


LNO640B1 Product details

Product Description
LNO 640 B1 is a low noise and low power OCVCSO (Oven Controlled, Voltage controlled, SAW Oscillator) at 640 MHz.
It is designed for lab environment (test equipment, shelter, ground based military equipment, etc.).
The 640MHz signal is generated from a 320MHz fundamental frequency multiplied by 2.
LNO 640 B1 is available in a 95mm x 76mm x 23mm package.

Features
 Excellent phase noise performance (typical values) :
o -146 dBc/Hz @ 1 kHz offset
o -168 dBc/Hz @ 10 kHz offset
o -174dBc/Hz noise floor

Applications
 Instrumentation (test equipment, simulator)
 Ground based military equipment as per MIL-PRF-28800F, Class 3




Similar Part No. - LNO640B1

ManufacturerPart #DatasheetDescription
logo
TEMEX
LNO640B1 TEMEX-LNO640B1 Datasheet
629Kb / 4P
Low Noise Oscillator
More results


Similar Description - LNO640B1

ManufacturerPart #DatasheetDescription
logo
TEMEX
SRB232 TEMEX-SRB232 Datasheet
253Kb / 4P
Ultra Low Noise SAW Oscillator @ 320 MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TC0597A TAI-SAW-TC0597A Datasheet
229Kb / 6P
SAW Resonator 640 MHz
logo
TEMEX
LNO100 TEMEX-LNO100 Datasheet
873Kb / 9P
Low Noise Oscillator series
LNO500D1 TEMEX-LNO500D1 Datasheet
820Kb / 5P
Low Noise Oscillator
LNO800E1 TEMEX-LNO800E1 Datasheet
814Kb / 5P
Low Noise Oscillator
LNO1280B1 TEMEX-LNO1280B1 Datasheet
583Kb / 4P
Low Noise Oscillator
LNO4800B3 TEMEX-LNO4800B3 Datasheet
794Kb / 5P
Low Noise Oscillator
LNO5000B3 TEMEX-LNO5000B3 Datasheet
793Kb / 5P
Low Noise Oscillator series
LNO1000B1 TEMEX-LNO1000B1 Datasheet
469Kb / 3P
Low Noise Oscillator series
logo
TAI-SAW TECHNOLOGY CO.,...
TC0329A TAI-SAW-TC0329A Datasheet
207Kb / 6P
SAW Resonator 640 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com