Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNO640D1 Datasheet (PDF) - Rakon Limited

LNO640D1 Datasheet PDF - Rakon Limited
Part # LNO640D1
Download  LNO640D1 Download
File Size   850.44 Kbytes
Page   5 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description Low Noise Oscillator series OCSO @ 640 MHz

LNO640D1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LNO640D1 Datasheet PDF - Rakon Limited

Part # LNO640D1
Download  LNO640D1 Click to download

File Size   850.44 Kbytes
Page   5 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description Low Noise Oscillator series OCSO @ 640 MHz

LNO640D1 Datasheet (HTML) - Rakon Limited


LNO640D1 Product details

Product Description
LNO 640 D1 is a low noise and low G vibration isolated OCVCSO (Oven Controlled Voltage Controlled SAW Oscillator) at 640 MHz, phase-lockable on an external 10 MHz reference.
LNO 640 D1 provides excellent phase noise performance, and is specially designed for airborne environment. The core oscillator is internally suspended on shock absorbers.
LNO 640 D1 is available in a 70mm x 70mm x 35mm package.
Three operating modes are available, through Control Input signal:
 Free running Control Input = Not connected
 Voltage controlled Control Input = DC Voltage
 Phase Lock Loop Control Input = 10 MHz Reference

Features
 Excellent phase noise performance (typical value) :
o -168 dBc/Hz @ 10kHz offset
o -174 dBc/Hz noise floor
 BIT Status: Ready or Alarm

Applications
 Airborne radars




Similar Part No. - LNO640D1

ManufacturerPart #DatasheetDescription
logo
TEMEX
LNO640D1 TEMEX-LNO640D1 Datasheet
895Kb / 4P
Low Noise Oscillator
More results


Similar Description - LNO640D1

ManufacturerPart #DatasheetDescription
logo
TEMEX
SRB232 TEMEX-SRB232 Datasheet
253Kb / 4P
Ultra Low Noise SAW Oscillator @ 320 MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TC0597A TAI-SAW-TC0597A Datasheet
229Kb / 6P
SAW Resonator 640 MHz
logo
TEMEX
LNO100 TEMEX-LNO100 Datasheet
873Kb / 9P
Low Noise Oscillator series
LNO500D1 TEMEX-LNO500D1 Datasheet
820Kb / 5P
Low Noise Oscillator
LNO800E1 TEMEX-LNO800E1 Datasheet
814Kb / 5P
Low Noise Oscillator
LNO1280B1 TEMEX-LNO1280B1 Datasheet
583Kb / 4P
Low Noise Oscillator
LNO4800B3 TEMEX-LNO4800B3 Datasheet
794Kb / 5P
Low Noise Oscillator
LNO5000B3 TEMEX-LNO5000B3 Datasheet
793Kb / 5P
Low Noise Oscillator series
LNO1000B1 TEMEX-LNO1000B1 Datasheet
469Kb / 3P
Low Noise Oscillator series
logo
TAI-SAW TECHNOLOGY CO.,...
TC0329A TAI-SAW-TC0329A Datasheet
207Kb / 6P
SAW Resonator 640 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com