Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S12E64MPV Datasheet (PDF) - Freescale Semiconductor, Inc

MC9S12E64MPV Datasheet PDF - Freescale Semiconductor, Inc
Part # MC9S12E64MPV
Download  MC9S12E64MPV Download
File Size   3156.05 Kbytes
Page   606 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description HCS12 Microcontrollers

MC9S12E64MPV Datasheet (PDF)

Go To PDF Page Download Datasheet
MC9S12E64MPV Datasheet PDF - Freescale Semiconductor, Inc

Part # MC9S12E64MPV
Download  MC9S12E64MPV Click to download

File Size   3156.05 Kbytes
Page   606 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description HCS12 Microcontrollers

MC9S12E64MPV Datasheet (HTML) - Freescale Semiconductor, Inc


MC9S12E64MPV Product details

Introduction

The MC9S12E128 is a 112/80/64 pin low cost general purpose MCU comprised of standard on-chip peripherals including a 16-bit central processing unit (HCS12 CPU), up to 128K bytes of Flash EEPROM, up to 8K bytes of RAM, three asynchronous serial communications interface modules (SCI), a serial peripheral interface (SPI), an Inter-IC Bus (IIC), three 4-channel 16-bit timer modules (TIM), a 6-channel 15-bit Pulse Modulator with Fault protection module (PMF), a 6-channel 8-bit Pulse Width Modulator (PWM), a 16-channel 10-bit analog-to-digital converter (ADC), and two 1-channel 8-bit digital-to-analog converters (DAC). The MC9S12E128 has full 16-bit data paths throughout. The inclusion of a PLL circuit allows power consumption and performance to be adjusted to suit operational requirements. In addition to the I/O ports available on each module, 16 dedicated I/O port bits are available with Wake-Up capability from STOP or WAIT mode. Furthermore, an on chip bandgap based voltage regulator (VREG) generates

the internal digital supply voltage of 2.5V (VDD) from a 3.135V to 5.5V external supply range.



Features

• 16-bit HCS12 CORE

— HCS12 CPU

– i. Upward compatible with M68HC11 instruction set

– ii. Interrupt stacking and programmer’s model identical to M68HC11

– iii. Instruction queue

– iv. Enhanced indexed addressing

— Module Mapping Control (MMC)

— Interrupt control (INT)

— Background Debug Module (BDM)

— Debugger (DBG12) including breakpoints and change-of-flow trace buffer

— Multiplexed External Bus Interface (MEBI)

• Wake-Up interrupt inputs

— Up to 16 port bits available for wake up interrupt function with digital filtering

• Memory Options

— 32K, 64K or 128K Byte Flash EEPROM

— 2K, 4K or 8K Byte RAM

• Two 1-channel Digital-to-Analog Converters (DAC)

— 8-bit resolution

• Analog-to-Digital Converter (ADC)

— 16-channel module with 10-bit resolution

— External conversion trigger capability

• Three 4-channel Timers (TIM)

— Programmable input capture or output compare channels

— Simple PWM mode

— Counter modulo reset

— External event counting

— Gated time accumulation

• 6 PWM channels (PWM)

— Programmable period and duty cycle

— 8-bit 6-channel or 16-bit 3-channel

— Separate control for each pulse width and duty cycle

— Center-aligned or left-aligned outputs

— Programmable clock select logic with a wide range of frequencies

— Fast emergency shutdown input

• 6-channel Pulse width Modulator with Fault protection (PMF)

— Three independent 15-bit counters with synchronous mode

— Complementary channel operation

— Edge and center aligned PWM signals

— Programmable dead time insertion

— Integral reload rates from 1 to 16

— Four fault protection shut down input pins

— Three current sense input pins

• Serial interfaces

— Three asynchronous serial communication interfaces (SCI)

— Synchronous serial peripheral interface (SPI)

— Inter-IC Bus (IIC)

• Clock and Reset Generator (CRG)

— Windowed COP watchdog

— Real Time interrupt

— Clock Monitor

— Pierce or low current Colpitts oscillator

— Phase-locked loop clock frequency multiplier

— Self Clock mode in absence of external clock

— Low power 0.5 to 16Mhz crystal oscillator reference clock

• Operating frequency

— 50MHz equivalent to 25MHz Bus Speed

• Internal 2.5V Regulator

— Input voltage range from 3.135V to 5.5V

— Low power mode capability

— Includes low voltage reset (LVR) circuitry

— Includes low voltage interrupt (LVI) circuitry

• 112-Pin LQFP or 80-Pin QFP or 64-Pin QFN package

— Up to 90 I/O lines with 5V input and drive capability (112 pin package)

— Up to two dedicated 5V input only lines (IRQ and XIRQ)

— Sixteen 3.3V/5V A/D converter inputs

• Development Support.

— Single-wire background debugTM mode

— On-chip hardware breakpoints

— Enhanced debug features



 




Similar Part No. - MC9S12E64MPV

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12E64MPV MOTOROLA-MC9S12E64MPV Datasheet
3Mb / 156P
MC9S12E-Family Device User Guide V01.04
logo
Freescale Semiconductor...
MC9S12E64MPV FREESCALE-MC9S12E64MPV Datasheet
3Mb / 606P
Microcontrollers
MC9S12E64MPV FREESCALE-MC9S12E64MPV Datasheet
3Mb / 156P
MC9S12E-Family Device User Guide
More results


Similar Description - MC9S12E64MPV

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12HZ256 FREESCALE-MC9S12HZ256 Datasheet
3Mb / 692P
HCS12 Microcontrollers
MC9S12XS256 FREESCALE-MC9S12XS256 Datasheet
9Mb / 736P
HCS12 Microcontrollers
MC3S12RG128 FREESCALE-MC3S12RG128_1 Datasheet
2Mb / 546P
HCS12 Microcontrollers
MC9S12KG128 FREESCALE-MC9S12KG128_10 Datasheet
3Mb / 606P
HCS12 Microcontrollers
MC9S12Q128 FREESCALE-MC9S12Q128_10 Datasheet
3Mb / 644P
HCS12 Microcontrollers
HCS12 FREESCALE-HCS12 Datasheet
1Mb / 452P
HCS12 Microcontrollers
logo
Motorola, Inc
HCS12 MOTOROLA-HCS12 Datasheet
311Kb / 34P
HCS12 Microcontrollers
logo
Freescale Semiconductor...
MC9S12XS256 FREESCALE-MC9S12XS256_1 Datasheet
9Mb / 738P
HCS12 Microcontrollers
MC9S12E256 FREESCALE-MC9S12E256 Datasheet
3Mb / 602P
HCS12 Microcontrollers
MC9S12XS128MAL FREESCALE-MC9S12XS128MAL Datasheet
9Mb / 738P
HCS12 Microcontrollers
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com