Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ27Z758YAHR Datasheet (PDF) - Texas Instruments

BQ27Z758YAHR Datasheet PDF - Texas Instruments
Part # BQ27Z758YAHR
Download  BQ27Z758YAHR Download
File Size   1279.42 Kbytes
Page   32 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description BQ27Z758 Impedance Track™ Technology Battery Gas Gauge and Protection Solution for 1-Series Cell Li-Ion Battery Packs

BQ27Z758YAHR Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ27Z758YAHR Datasheet PDF - Texas Instruments

Part # BQ27Z758YAHR
Download  BQ27Z758YAHR Click to download

File Size   1279.42 Kbytes
Page   32 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description BQ27Z758 Impedance Track™ Technology Battery Gas Gauge and Protection Solution for 1-Series Cell Li-Ion Battery Packs

BQ27Z758YAHR Datasheet (HTML) - Texas Instruments


BQ27Z758YAHR Product details

1 Features
• Integrated battery gas gauge and protector
• Flash-programmable custom BQBMP RISC CPU
– SHA-256 authentication
– 400kHz I2C bus communications interface
• Low-voltage (2.0V) operation
• Zero volt charging with no inhibit (ZVCHG) for
systems with secondary protectors
• Two independent precision 16-bit ADCs
– Coulomb counting ADC with current sense
resistor down to 1mΩ
– Voltage ADC for cell voltage and external
andinternal temperature sensors
• Battery fuel gauging based on patented
Impedance Track™ technology
– Models battery discharge curve for accurate
time-to-empty predictions
– Automatically adjusts for aging, temperature,
and rate-induced effects on the battery
• Battery Kelvin sense differential analog output pins
with built-in protection
• High-side or low-side current sensing
• Programmable hardware-based protection
– High-side FET gate drivers
– Overvoltage and undervoltage (OVP and UVP)
– Overcurrent in discharge and overcurrent in
charge (OCD and OCC)
– Short circuit in discharge (SCD)
– Firmware-based overtemperature (OT)
• Reduced typical power modes
– SLEEP mode: 20μA
– SHIP mode: 10μA
– SHELF mode 5μA
– SHUTDOWN mode: 0.2μA
• Ultra-compact, 15-ball NanoFree™ DSBGA

2 Applications
• Any end equipment with 1-series rechargeable
batteries:
– Smartphones
– Tablets
– Cameras
– Portable wearables/medical
– Industrial handhelds

3 Description
The Texas Instruments BQ27Z758 Impedance Track™
gas gauge solution is a highly integrated, accurate
1-series cell gas gauge and protection solution.
The BQ27Z758 device provides a fully integrated
pack-based solution with a flash programmable
custom reduced instruction-set CPU (RISC), safety
protection, differential battery sensing analog output,
and authentication for 1-series cell Li-ion and Lipolymer
battery packs.
The BQ27Z758 gas gauge communicates through
an I2C compatible interface and combines an ultralow
power TI BQBMP processor, high accuracy
analog measurement capabilities, integrated flash
memory, N-CH high-side FET drive, and a SHA-2
Authentication transform responder into a complete,
high-performance battery management solution.




Similar Part No. - BQ27Z758YAHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27Z746 TI-BQ27Z746 Datasheet
1Mb / 30P
BQ27Z746 Impedance Track??Technology Battery Gas Gauge and Protection Solution for 1-Series Cell Li-Ion Battery Packs
SLUSDW2 ??NOVEMBER 2021
BQ27Z746YAHR TI-BQ27Z746YAHR Datasheet
1Mb / 30P
BQ27Z746 Impedance Track??Technology Battery Gas Gauge and Protection Solution for 1-Series Cell Li-Ion Battery Packs
SLUSDW2 ??NOVEMBER 2021
More results


Similar Description - BQ27Z758YAHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ28Z560-R1 TI1-BQ28Z560-R1 Datasheet
1Mb / 60P
Single Cell Li-Ion Battery Gas Gauge and Protection
BQ27750 TI1-BQ27750 Datasheet
1Mb / 34P
Impedance Track Battery Gas Gauge and Protection Solution for 1-Series Cell Li-Ion Battery Packs
BQ27Z561 TI1-BQ27Z561 Datasheet
908Kb / 24P
Impedance Track Battery Gas Gauge Solution for 1-Series Cell Li-Ion Battery Packs
BQ27Z561-R1 TI1-BQ27Z561-R1 Datasheet
492Kb / 24P
Impedance Track battery gas gauge solution for 1-series cell li-ion battery packs
BQ27Z561-R1_1904 TI1-BQ27Z561-R1_1904 Datasheet
1Mb / 26P
Impedance Track battery gas gauge solution for 1-series cell li-ion battery packs
BQ28Z610-R1 TI1-BQ28Z610-R1 Datasheet
840Kb / 32P
BQ28Z610-R1 Impedance Track??Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs
BQ27Z561-R2 TI-BQ27Z561-R2 Datasheet
851Kb / 22P
BQ27Z561-R2 Impedance Track??Battery Gas Gauge Solution for 1-Series Cell Li-Ion Battery Packs
BQ27Z746 TI-BQ27Z746 Datasheet
1Mb / 30P
BQ27Z746 Impedance Track??Technology Battery Gas Gauge and Protection Solution for 1-Series Cell Li-Ion Battery Packs
SLUSDW2 ??NOVEMBER 2021
BQ28Z620 TI-BQ28Z620 Datasheet
1Mb / 39P
BQ28Z620 Impedance Track™ Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs
DECEMBER 2022
BQ27Z558 TI1-BQ27Z558 Datasheet
1Mb / 27P
BQ27Z558 Impedance Track™ Battery Gas Gauge Solution for 1-Series Cell Li-Ion Battery Packs, with 1.2-V IO Support
NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com