Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZ-2RM-A2 Datasheet (PDF) - Honeywell Solid State Electronics Center

BZ-2RM-A2 Datasheet PDF - Honeywell Solid State Electronics Center
Part # BZ-2RM-A2
Download  BZ-2RM-A2 Download
File Size   1575.5 Kbytes
Page   23 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description MICRO SWITCH™ Premium Large Basic Switches

BZ-2RM-A2 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZ-2RM-A2 Datasheet PDF - Honeywell Solid State Electronics Center

Part # BZ-2RM-A2
Download  BZ-2RM-A2 Click to download

File Size   1575.5 Kbytes
Page   23 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description MICRO SWITCH™ Premium Large Basic Switches

BZ-2RM-A2 Datasheet (HTML) - Honeywell Solid State Electronics Center


BZ-2RM-A2 Product details

Features
GLOBAL USE AND APPROVALS
Switches certified to UL, CSA, ENEC, and CE for global use
FLEXIBILITY OF PRODUCT CHARACTERISTICS
Honeywell’s large basic switches offer various operating force and differential travel
options to meet the actuator type. Designed with momentary or maintained
contact action, these switches may perform a variety of functions as well as
offering a choice of actuation, termination and operating characteristics for design
flexibility

applications
VARIENTS FOR EXTREME CONDITIONS
With an IP64 sealing option to maintain switch enclosure sealing, many listings can
be used in dirty, harsh environments with their dustproof and splash resistant
seals. Many versions operate in extreme temperatures, up to 121 °C [250 °F],
and several with high temperature options for up to 204 °C [400 °F], as well as
temperatures as low as -55 °C [-67 °F]
EASY INSTALLATION REDUCES OVERALL COSTS
The switch’s enlongated mounting hole allows for easier, more accurate mounting
TIGHT HYSTERESIS/DIFFERENTIAL TRAVEL
Designed with a hysteresis as small as 0,008 mm [0.0003 in], the BZ/BA/BM/
BE switches may be used in applications where very tight and sensitive control is
required between the operate and release points




Similar Part No. - BZ-2RM-A2

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
BZ-2RM-A2 HONEYWELL-ACC-BZ-2RM-A2 Datasheet
810Kb / 16P
Basic Switches Standard
logo
Honeywell Solid State E...
BZ-2RM-A2 HONEYWELL-BZ-2RM-A2 Datasheet
809Kb / 16P
STANDARD BASIC SWITCH CUT-A-WAY
More results


Similar Description - BZ-2RM-A2

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
US10D10A00 HONEYWELL-US10D10A00 Datasheet
3Mb / 94P
Basic Switches
3SX1-T HONEYWELL-3SX1-T Datasheet
356Kb / 7P
MICRO SWITCH??Basic Switches Line Guide
logo
Honeywell Accelerometer...
311SM6 HONEYWELL-ACC-311SM6 Datasheet
375Kb / 7P
Basic Switches Subminiature
BZ-2RD-T4-J HONEYWELL-ACC-BZ-2RD-T4-J Datasheet
810Kb / 16P
Basic Switches Standard
ZM10B70E01 HONEYWELL-ACC-ZM10B70E01 Datasheet
356Kb / 7P
MICRO SWITCH Basic Switches Line Guide
logo
Honeywell Solid State E...
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
MICRO SWITCH Premium Miniature Basic Switches
ZW50F90DW1 HONEYWELL-ZW50F90DW1 Datasheet
2Mb / 9P
MICRO SWITCH??Sealed Subminiature Basic Switches
V15S05 HONEYWELL-V15S05 Datasheet
1Mb / 13P
MICRO SWITCH Standard Miniature Basic Switches
06/20
HS-SERIES HONEYWELL-HS-SERIES Datasheet
609Kb / 6P
Hermetically Sealed Premium Large Basic Switches
July 2016
A0001414394-1 HONEYWELL-A0001414394-1 Datasheet
2Mb / 10P
MICRO SWITCH™ Hermetic Sealed Basic Switches
More results




About Honeywell Solid State Electronics Center


Honeywell Solid State Electronics Center (SSEC) was a research and development facility of Honeywell Inc. that operated from 1957 to 1993 in Minneapolis, Minnesota, United States. The center was dedicated to the research, development, and production of solid-state electronics, including microelectronics, semiconductors, and related technologies.

During its operation, SSEC made significant contributions to the advancement of the semiconductor industry, particularly in the areas of integrated circuits, transistor design, and fabrication processes. Notable accomplishments of SSEC include the development of the first silicon transistor, the first commercial silicon planar transistor, and the first integrated circuit to use metal oxide semiconductor (MOS) technology.

In 1993, Honeywell closed the SSEC facility as part of a broader restructuring of its operations. The company's semiconductor business was subsequently sold to SGS-Thomson (now STMicroelectronics) in 1999.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com