Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUR1640CT Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

MUR1640CT Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # MUR1640CT
Download  MUR1640CT Download
File Size   113.09 Kbytes
Page   2 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 16.0 AMPS. Switchmode Power Rectifiers

MUR1640CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MUR1640CT Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # MUR1640CT
Download  MUR1640CT Click to download

File Size   113.09 Kbytes
Page   2 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 16.0 AMPS. Switchmode Power Rectifiers

MUR1640CT Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


MUR1640CT Product details

Features

Low forward voltage drop

Fast switching for high efficiency

High current capability

High surge current capability



Application

Automotive Environment|DC Motor Control

Plating Power Supply|UPS

Amplifier and Sound Device System etc..



Mechanical Data

Case: Molded plastic TO-220AB Heats

Epoxy: UL 94V-0 rate flame retardant

Terminals: Solderable per MIL-STD-20 method 208

Polarity:As marked on diode body

Mounting position: Any

Weight: 2.03 grams

 




Similar Part No. - MUR1640CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUR1640CT MOTOROLA-MUR1640CT Datasheet
153Kb / 6P
ULTRAFAST RECTIFIERS 8 AMPERES 200-400-600 VOLTS
logo
Micro Commercial Compon...
MUR1640CT MCC-MUR1640CT Datasheet
59Kb / 2P
16 Amp Super Fast Glass Pass ivated Rectifier 300 to 600 Volts
logo
ON Semiconductor
MUR1640CT ONSEMI-MUR1640CT Datasheet
108Kb / 8P
SWITCHMODE Power Rectifiers (ULTRAFAST RECTIFIERS 8.0 AMPERES 100-600 VOLTS)
October, 2000 ??Rev. 3
logo
Motorola, Inc
MUR1640CT MOTOROLA-MUR1640CT Datasheet
314Kb / 5P
ULTRAFAST RECTIFIERS
logo
ON Semiconductor
MUR1640CT ONSEMI-MUR1640CT Datasheet
80Kb / 7P
ULTRAFAST RECTIFIERS 8.0 AMPERES, 100??00 VOLTS
February, 2006 ??Rev. 5
More results


Similar Description - MUR1640CT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MURF1640CT ETC-MURF1640CT Datasheet
65Kb / 2P
16.0 AMPS. Switchmode Power Rectifiers
logo
Taiwan Semiconductor Co...
MBR1635 TSC-MBR1635 Datasheet
61Kb / 2P
16.0 AMPS. Schottky Barrier Rectifiers
MUR1620CT TSC-MUR1620CT_1 Datasheet
323Kb / 2P
16.0 AMPS. Switchmode Power Rectifiers
MURF1620CT TSC-MURF1620CT Datasheet
119Kb / 2P
16.0 AMPS. Switchmode Power Rectifiers
MURF1620CT TSC-MURF1620CT_1 Datasheet
316Kb / 2P
16.0 AMPS. Switchmode Power Rectifiers
GP1601 TSC-GP1601_1 Datasheet
344Kb / 2P
16.0 AMPS. Glass Passivated Rectifiers
logo
First Components Intern...
FG16A01 FCI-FG16A01 Datasheet
112Kb / 2P
16.0 Amps Glass Passivated Power STD Rectifiers
logo
Shenzhen Yixinwei Techn...
MUR1620CT YIXIN-MUR1620CT Datasheet
368Kb / 2P
16.0 AMPS. Switchmode Power Rectifiers
logo
SHIKUES Electronics
MUR1620AT SKTECHNOLGY-MUR1620AT Datasheet
386Kb / 3P
16.0 A Switchmode Power Rectifiers
MUR1620CT SKTECHNOLGY-MUR1620CT Datasheet
1Mb / 3P
16.0 A Switchmode Power Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com