Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC644 Datasheet (PDF) - Hittite Microwave Corporation

HMC644 Datasheet PDF - Hittite Microwave Corporation
Part # HMC644
Download  HMC644 Download
File Size   341.85 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC 5-BIT DIGITAL PHASE SHIFTER, 15 - 18.5 GHz

HMC644 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC644 Datasheet PDF - Hittite Microwave Corporation

Part # HMC644
Download  HMC644 Click to download

File Size   341.85 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC 5-BIT DIGITAL PHASE SHIFTER, 15 - 18.5 GHz

HMC644 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC644

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC644 HITTITE-HMC644 Datasheet
228Kb / 6P
GaAs MMIC 5-BIT DIGITAL PHASE SHIFTER, 15 - 18.5 GHz
logo
Analog Devices
HMC644ALC5 AD-HMC644ALC5 Datasheet
724Kb / 8P
GaAs MMIC 5-BIT DIGITAL PHASE SHIFTER, 15 - 18.5 GHz
logo
Hittite Microwave Corpo...
HMC644LC5 HITTITE-HMC644LC5 Datasheet
326Kb / 8P
GaAs MMIC 5-BIT DIGITAL PHASE SHIFTER, 15 - 18.5 GHz
HMC644LC5 HITTITE-HMC644LC5 Datasheet
446Kb / 8P
GaAs MMIC 5-BIT DIGITAL PHASE SHIFTER, 15 - 18.5 GHz
HMC644LC5 HITTITE-HMC644LC5_08 Datasheet
326Kb / 8P
GaAs MMIC 5-BIT DIGITAL PHASE SHIFTER, 15 - 18.5 GHz
More results


Similar Description - HMC644

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC647 HITTITE-HMC647 Datasheet
248Kb / 8P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.5 - 3.1 GHz
HMC648 HITTITE-HMC648 Datasheet
258Kb / 8P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.9 - 3.9 GHz
HMC643LC5 HITTITE-HMC643LC5 Datasheet
455Kb / 8P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 9 - 12 GHz
HMC644LC5 HITTITE-HMC644LC5 Datasheet
446Kb / 8P
GaAs MMIC 5-BIT DIGITAL PHASE SHIFTER, 15 - 18.5 GHz
HMC644 HITTITE-HMC644_09 Datasheet
228Kb / 6P
GaAs MMIC 5-BIT DIGITAL PHASE SHIFTER, 15 - 18.5 GHz
HMC644LC5 HITTITE-HMC644LC5_08 Datasheet
326Kb / 8P
GaAs MMIC 5-BIT DIGITAL PHASE SHIFTER, 15 - 18.5 GHz
HMC648 HITTITE-HMC648_09 Datasheet
197Kb / 6P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.9 - 3.9 GHz
HMC648LP6 HITTITE-HMC648LP6_09 Datasheet
239Kb / 8P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.9 - 3.9 GHz
logo
Analog Devices
HMC1133LP5E AD-HMC1133LP5E Datasheet
591Kb / 6P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 4.8 - 6.2 GHz
HMC644ALC5 AD-HMC644ALC5 Datasheet
724Kb / 8P
GaAs MMIC 5-BIT DIGITAL PHASE SHIFTER, 15 - 18.5 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com