Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SOIC Datasheet (PDF) - Amkor Technology

SOIC Datasheet PDF - Amkor Technology
Part # SOIC
Download  SOIC Download
File Size   780.44 Kbytes
Page   3 Pages
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology
Description ExposedPad (ePad) TSSOP, MSOP, SOIC and SSOP are leadframe based

SOIC Datasheet (PDF)

Go To PDF Page Download Datasheet
SOIC Datasheet PDF - Amkor Technology

Part # SOIC
Download  SOIC Click to download

File Size   780.44 Kbytes
Page   3 Pages
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology
Description ExposedPad (ePad) TSSOP, MSOP, SOIC and SSOP are leadframe based

SOIC Datasheet (HTML) - Amkor Technology


SOIC Product details

FEATURES
Cu wire interconnect for low cost
Standard JEDEC package outlines
Multi-die production capability
Turnkey test services, including strip test options
ExposedPad configuration for increased thermal efficiency
Up to 60% improvement in Theta JA (compared to standard TSSOP or SOIC)
Green materials are standard – Pb-free and RoHS compliant
Stealth dicing (narrow saw streets)
Larger/Higher density leadframe strips
Leadframe roughening for improved MSL capability




Similar Part No. - SOIC

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
SOIC WELWYN-SOIC Datasheet
429Kb / 3P
Surface Mount SOIC Resistor Networks
logo
TT Electronics.
SOIC TTELEC-SOIC Datasheet
496Kb / 4P
Both narrow and wide body versions available
logo
Amkor Technology
SOIC AMKOR-SOIC Datasheet
411Kb / 2P
Silver Wirebonding
02/22
SOIC AMKOR-SOIC Datasheet
505Kb / 2P
SOIC (Small Outline IC Package) is a leadframe based, plastic encapsulated package
12/21
logo
International Rectifier
SOIC-14PIN IRF-SOIC-14PIN Datasheet
18Kb / 1P
14-Pin Surface Mount, Narrow Body
More results


Similar Description - SOIC

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-RX45-XXXXX AVAGO-ASMT-RX45-XXXXX Datasheet
264Kb / 8P
0.45mm Leadframe-Based Surface Mount ChipLED
ASMT-RR45-AQ902 AVAGO-ASMT-RR45-AQ902 Datasheet
376Kb / 8P
0.45mm Leadframe-Based Surface Mount ChipLED Super wide 145 deg viewing angle
HSMR-CL25 AVAGO-HSMR-CL25 Datasheet
184Kb / 6P
0.25mm Blue Leadframe-Based Surface Mount ChipLED
HSMW-CL25 AVAGO-HSMW-CL25 Datasheet
178Kb / 6P
0.25mm White Leadframe-Based Surface Mount ChipLED
logo
STMicroelectronics
TN1208 STMICROELECTRONICS-TN1208 Datasheet
748Kb / 13P
Tape and reel shipping media for STM8 and STM32 microcontrollers in TSSOP and SSOP packages
17-Mar-2015
logo
Integrated Device Techn...
932SQ420D IDT-932SQ420D Datasheet
435Kb / 28P
64-pin TSSOP and MLF packages
932SQ426 IDT-932SQ426 Datasheet
379Kb / 25P
64-pin TSSOP and VFQFPN packages
logo
TT Electronics.
OPIA401 TTELEC-OPIA401 Datasheet
2Mb / 31P
SMD, SOP and SSOP Packages
logo
List of Unclassifed Man...
AX-1838HS ETC2-AX-1838HS Datasheet
368Kb / 6P
The separate PIN diode and preamplifier IC are assembled on a single leadframe.
logo
Broadcom Corporation.
ASMT-RX45-XXXXX BOARDCOM-ASMT-RX45-XXXXX Datasheet
505Kb / 9P
0.45-mm Leadframe-Based Surface Mount ChipLED
More results




About Amkor Technology


Amkor Technology is a US-based company that provides outsourced semiconductor packaging and test services. The company was founded in 1968 and is headquartered in Tempe, Arizona, USA.

Amkor's packaging and test services include advanced flip chip and wafer level packaging technologies, as well as through-silicon via (TSV) solutions. These services are used by semiconductor manufacturers to package and test their integrated circuits (ICs) for use in a wide range of applications, including mobile devices, automotive, networking, and computing.

Amkor operates factories and facilities in Asia, Europe, and the Americas, and has a global network of design and development centers. The company has a strong focus on innovation and research and development, and its packaging and test technologies are designed to improve the performance, reliability, and cost-effectiveness of its customers' products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com