Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C256 Datasheet (PDF) - SYC Electronica

24C256 Datasheet PDF - SYC Electronica
Part # 24C256
Download  24C256 Download
File Size   336.19 Kbytes
Page   15 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 2-Wire Serial EEPROMs

24C256 Datasheet (PDF)

Go To PDF Page Download Datasheet
24C256 Datasheet PDF - SYC Electronica

Part # 24C256
Download  24C256 Click to download

File Size   336.19 Kbytes
Page   15 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 2-Wire Serial EEPROMs

24C256 Datasheet (HTML) - SYC Electronica


24C256 Product details

Features
• Low Voltage and Standard Voltage Operation
– 5.0 (VCC = 4.5V to 5.5V)
– 2.7 (VCC = 2.7V to 5.5V)
– 1.8 (VCC = 1.8V to 3.6V)
• Internally Organized 16,384 x 8 and 32,768 x 8
• 2-Wire Serial Interface
• Schmitt Trigger, Filtered Inputs for Noise Suppression
• Bidirectional Data Transfer Protocol
• 1 MHz (5V), 400 kHz (2.7V) and 100 kHz (1.8V) Compatibility
• Write Protect Pin for Hardware and Software Data Protection
• 64-Byte Page Write Mode (Partial Page Writes Allowed)
• Self-Timed Write Cycle (5 ms typical)
• High Reliability
– Endurance: 100,000 Write Cycles
– Data Retention: 40 Years
– ESD Protection: > 4000V
• Automotive Grade and Extended Temperature Devices Available
• 8-Pin JEDEC PDIP, 8-Pin JEDEC and EIAJ SOIC, 14-Pin TSSOP, and
8-Pin Leadless Array Packages

Description
The AT24C128/256 provides 131,072/262,144 bits of serial electrically erasable and
programmable read only memory (EEPROM) organized as 16,384/32,768 words of 8
bits each. The device’s cascadable feature allows up to 4 devices to share a common
2-wire bus. The device is optimized for use in many industrial and commercial applications
where low power and low voltage operation are essential. The devices are available
in space-saving 8-pin JEDEC PDIP, 8-pin EIAJ, 8-pin JEDEC SOIC, 14-pin
TSSOP, and 8-pin LAP packages. In addition, the entire family is available in 5.0V
(4.5V to 5.5V), 2.7V (2.7V to 5.5V) and 1.8V (1.8V to 3.6V) versions.




Similar Part No. - 24C256

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
24C256 FAIRCHILD-24C256 Datasheet
89Kb / 12P
256 KBit 2-Wire Bus Interface Serial EEPROM with Write Protect
logo
ATMEL Corporation
24C256 ATMEL-24C256 Datasheet
225Kb / 15P
2-Wire Serial EEPROMs
logo
Integrated Silicon Solu...
24C256 ISSI-24C256 Datasheet
51Kb / 12P
262,144-bit 2-WIRE SERIAL CMOS EEPROM
logo
List of Unclassifed Man...
24C256 ETC1-24C256 Datasheet
44Kb / 8P
CMOS I2C 2-WIRE BUS 128K/256K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 16K/32K X 8 BIT EEPROM
More results


Similar Description - 24C256

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C128 ATMEL-AT24C128 Datasheet
225Kb / 15P
2-Wire Serial EEPROMs
AT93C46 ATMEL-AT93C46 Datasheet
154Kb / 15P
3-Wire Serial EEPROMs
AT93C46 ATMEL-AT93C46_05 Datasheet
371Kb / 21P
Three-wire Serial EEPROMs
logo
GTM CORPORATION
GSC24BC01 GTM-GSC24BC01 Datasheet
284Kb / 9P
2-WIRE SERIAL EEPROMS
GSC93BC46-66 GTM-GSC93BC46-66 Datasheet
276Kb / 8P
2-WIRE SERIAL EEPROMS
logo
ATMEL Corporation
AT24C128 ATMEL-AT24C128_03 Datasheet
208Kb / 20P
2-wire Serial EEPROMs
AT24C256N-10SU-2.7 ATMEL-AT24C256N-10SU-2.7 Datasheet
367Kb / 23P
Two-wire Serial EEPROMs
AT24C256W-10SU-2.7 ATMEL-AT24C256W-10SU-2.7 Datasheet
367Kb / 23P
Two-wire Serial EEPROMs
AT24C01C ATMEL-AT24C01C_14 Datasheet
727Kb / 19P
2-wire Automotive Temperature Serial EEPROMs
AT24C02C ATMEL-AT24C02C_14 Datasheet
727Kb / 19P
2-wire Automotive Temperature Serial EEPROMs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com