Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

26LS32-SMD Datasheet (PDF) - SYC Electronica

26LS32-SMD Datasheet PDF - SYC Electronica
Part # 26LS32-SMD
Download  26LS32-SMD Download
File Size   233.38 Kbytes
Page   8 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Quad Differential Line Receivers

26LS32-SMD Datasheet (PDF)

Go To PDF Page Download Datasheet
26LS32-SMD Datasheet PDF - SYC Electronica

Part # 26LS32-SMD
Download  26LS32-SMD Click to download

File Size   233.38 Kbytes
Page   8 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Quad Differential Line Receivers

26LS32-SMD Datasheet (HTML) - SYC Electronica


26LS32-SMD Product details

General Description
The DS26LS32 and DS26LS32A are quad differential line receivers
designed to meet the RS-422, RS-423 and Federal
Standards 1020 and 1030 for balanced and unbalanced digital
data transmission.
The DS26LS32 and DS26LS32A have an input sensitivity of
200 mV over the input voltage range of ±7V and the
DS26LS33 have an input sensitivity of 500 mV over the input
voltage range of ±15V.
The DS26LS32A differ in function from the popular
DS26LS32 and DS26LS33 in that input pull-up and
pull-down resistors are included which prevent output oscillation
on unused channels.
Each version provides an enable and disable function common
to all four receivers and features TRI-STATE ® outputs
with 8 mA sink capability. Constructed using low power
Schottky processing, these devices are available over the
full military and commerical operating temperature ranges.

Features
n High differential or common-mode input voltage ranges
of ±7V on the DS26LS32 and DS26LS32A and ±15V
on the DS26LS33
n ±0.2V sensitivity over the input voltage range on the
DS26LS32 and DS26LS32A, ±0.5V sensitivity on the
DS26LS33
n DS26LS32 and DS26LS32A meet all requirements of
RS-422 and RS-423
n 6k minimum input impedance
n 100 mV input hysteresis on the DS26LS32 and
DS26LS32A, 200 mV on the DS26LS33
n Operation from a single 5V supply
n TRI-STATE outputs, with choice of complementary
output enables for receiving directly onto a data bus




Similar Part No. - 26LS32-SMD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
26LS32 MOTOROLA-26LS32 Datasheet
81Kb / 4P
QUAD EIA-422/3 LINE RECEIVER WITH THREE.STATE OUTPUTS
logo
Texas Instruments
26LS32 TI-26LS32 Datasheet
145Kb / 10P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
logo
SYC Electronica
26LS32 SYC-26LS32 Datasheet
199Kb / 9P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
REVISED MARCH 2002
logo
Texas Instruments
26LS32AC TI-26LS32AC Datasheet
1Mb / 36P
AM26LS32Ax, AM26LS33Ax Quadruple Differential Line Receivers
REVISED SEPTEMBER 2016
More results


Similar Description - 26LS32-SMD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS26F32M NSC-DS26F32M Datasheet
207Kb / 6P
Quad Differential Line Receivers
DS26LS32AC NSC-DS26LS32AC Datasheet
201Kb / 8P
Quad Differential Line Receivers
DS3650 NSC-DS3650 Datasheet
197Kb / 10P
Quad Differential Line Receivers
logo
Texas Instruments
MC3450 TI-MC3450 Datasheet
139Kb / 9P
QUAD DIFFERENTIAL LINE RECEIVERS
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
Quad Differential Line Receivers
DS1650 NSC-DS1650 Datasheet
217Kb / 8P
Quad Differential Line Receivers
logo
Texas Instruments
DS26LS32MQML TI1-DS26LS32MQML Datasheet
605Kb / 12P
DS26LS32MQML Quad Differential Line Receivers
5962-7802006QEA TI-5962-7802006QEA Datasheet
291Kb / 11P
DS26LS32MQML Quad Differential Line Receivers
DS26F32MQML TI1-DS26F32MQML_16 Datasheet
435Kb / 15P
DS26F32MQML Quad Differential Line Receivers
MC3450 TI1-MC3450_08 Datasheet
152Kb / 9P
QUAD DIFFERENTIAL LINE RECEIVERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com