Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLCSP-V01 Datasheet (PDF) - Amkor Technology

WLCSP-V01 Datasheet PDF - Amkor Technology
Part # WLCSP-V01
Download  WLCSP-V01 Download
File Size   813.75 Kbytes
Page   3 Pages
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology
Description Wafer Level Processing & Die Processing Services (WLP/DPS)

WLCSP-V01 Datasheet (PDF)

Go To PDF Page Download Datasheet
WLCSP-V01 Datasheet PDF - Amkor Technology

Part # WLCSP-V01
Download  WLCSP-V01 Click to download

File Size   813.75 Kbytes
Page   3 Pages
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology
Description Wafer Level Processing & Die Processing Services (WLP/DPS)

WLCSP-V01 Datasheet (HTML) - Amkor Technology


WLCSP-V01 Product details

WAFER LEVEL FEATURES
4-196 ball count
Small body 0.16 mm2 to large 100.0 mm2 body size
Polyimide (PI), PBO, low-cure polymers and Redistribution Layer (RDL) available
Electroplated Sn/Ag <0.3 mm and SAC alloy ball-loaded bumping options ≥0.25 mm pitch
Reliable thick Cu UBM or Ni/Au for best in class EM performance
Compatible with conventional SMT assembly and test techniques

Applications
The WLCSP package family is applicable for a wide range of semi conductor device types from high end RF WLAN combo chips, to FPGAs, power management, Flash/EEPROM, integrated passive networks and standard analog. WLCSP offers the lowest total cost of ownership enabling higher semiconductor content while leveraging the smallest form factor and one of the highest performing, most reliable, semiconductor package platforms on the market today.
WLCSP is ideally suited for, but not limited to, mobile phones, tablets, netbook PCs, disk drives, digital still & video cameras, navigation devices, game controllers, other portable/remote products and some automotive end applications.




Similar Part No. - WLCSP-V01

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
WLCSP AMKOR-WLCSP Datasheet
474Kb / 2P
Wafer Level Processing and Die Processing Services
WLCSP+ AMKOR-WLCSP+ Datasheet
1Mb / 5P
Wafer level packaging applies similar processes as used in front-end wafer processing.
01/22
logo
Global Mixed-mode Techn...
WLCSP11X12-132 GMT-WLCSP11X12-132 Datasheet
165Kb / 1P
Package Outline
WLCSP15X15-163 GMT-WLCSP15X15-163 Datasheet
173Kb / 1P
Package Outline
logo
NXP Semiconductors
WLCSP16 NXP-WLCSP16 Datasheet
255Kb / 38P
32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 00.04-23 June 2010
More results


Similar Description - WLCSP-V01

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8510 NSC-DP8510 Datasheet
45Kb / 1P
BITBLT PROCESSING UNIT
logo
ATMEL Corporation
ATSAM3308B ATMEL-ATSAM3308B Datasheet
358Kb / 27P
Audio Processing
ATSAM3108B ATMEL-ATSAM3108B Datasheet
309Kb / 23P
Audio Processing
ATSAM3703 ATMEL-ATSAM3703 Datasheet
444Kb / 36P
Audio Processing
ATSAM2195 ATMEL-ATSAM2195 Datasheet
1Mb / 19P
Audio Processing
ATSAM2533 ATMEL-ATSAM2533 Datasheet
506Kb / 19P
Audio Processing
logo
Zilog, Inc.
Z84C0010PEC ZILOG-Z84C0010PEC Datasheet
1Mb / 36P
CENTRAL PROCESSING UNIT
logo
CML Microcircuits
CMX7241 CMLMICRO-CMX7241 Datasheet
4Mb / 94P
Voice processing
logo
Amkor Technology
WLCSP AMKOR-WLCSP Datasheet
474Kb / 2P
Wafer Level Processing and Die Processing Services
logo
Intersil Corporation
ISL22326WM INTERSIL-ISL22326WM Datasheet
103Kb / 3P
Full Homogeneous Lot Processing in Wafer Fab
November 11, 2011
More results




About Amkor Technology


Amkor Technology is a US-based company that provides outsourced semiconductor packaging and test services. The company was founded in 1968 and is headquartered in Tempe, Arizona, USA.

Amkor's packaging and test services include advanced flip chip and wafer level packaging technologies, as well as through-silicon via (TSV) solutions. These services are used by semiconductor manufacturers to package and test their integrated circuits (ICs) for use in a wide range of applications, including mobile devices, automotive, networking, and computing.

Amkor operates factories and facilities in Asia, Europe, and the Americas, and has a global network of design and development centers. The company has a strong focus on innovation and research and development, and its packaging and test technologies are designed to improve the performance, reliability, and cost-effectiveness of its customers' products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com