Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANX1122 Datasheet (PDF) - Analogix Semiconductor, Inc.

ANX1122 Datasheet PDF - Analogix Semiconductor, Inc.
Part # ANX1122
Download  ANX1122 Download
File Size   210.16 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description Low Power DisplayPort™ to LVDS Translator

ANX1122 Datasheet (PDF)

Go To PDF Page Download Datasheet
ANX1122 Datasheet PDF - Analogix Semiconductor, Inc.

Part # ANX1122
Download  ANX1122 Click to download

File Size   210.16 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description Low Power DisplayPort™ to LVDS Translator

ANX1122 Datasheet (HTML) - Analogix Semiconductor, Inc.


ANX1122 Product details

Features
DisplayPort input interface
− eDP 1.3 compliant
− 1/2 lane high-speed differential input with configurable speed: 5.4Gbps, 2.7Gbps, or 1.62Gbps
− Resolutions up to WQXGA (2560x1600@60Hz, 24bpp) with pixel clock frequency up to 270 MHz
− Industrial temperature version only supports 2.7 and 1.62Gbps DisplayPort connections (resolutions up to WUXGA, 1920x1200)
− Standard AUX channel link up to 1Mbps bandwidth
− DisplayPort mode spread spectrum clock (SSC) support
− Stereo (3D) video output support
LVDS output interface
− 8-BPC LVDS output with single/dual ports
− Programmable LVDS swing, channel swap, and polarity invert
− LVDS central spectrum spreading with amplitude up to +/-1.75%
Programmable by the DP transmitter through AUX channel, or by local I2C slave
External clock input optional
Power requirements
− 3.3V IO, 1.05V core power
Package offered: 64QFN 8x8mm
RoHS compliant and Halogen free package




Similar Part No. - ANX1122

ManufacturerPart #DatasheetDescription
logo
Analogix Semiconductor,...
ANX1121 ANALOGIX-ANX1121 Datasheet
210Kb / 2P
Low Cost DisplayPort™ to LVDS Converter
July 2014
More results


Similar Description - ANX1122

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9376 MAXIM-MAX9376 Datasheet
151Kb / 7P
LVDS/Anything-to-LVPECL/LVDS Dual Translator
Rev 0; 4/03
logo
PhaseLink Corporation
PLL130-09 PLL-PLL130-09 Datasheet
237Kb / 5P
High Speed Translator Buffer to LVDS
logo
Maxim Integrated Produc...
MAX9375 MAXIM-MAX9375 Datasheet
135Kb / 6P
Single LVDS/Anything-to-LVPECL Translator
Rev 0; 4/03
logo
Texas Instruments
SN75DP129 TI-SN75DP129 Datasheet
881Kb / 28P
DisplayPort to TMDS Translator
logo
Semtech Corporation
SK1300 SEMTECH-SK1300 Datasheet
117Kb / 6P
PECL / LVPECL to LVDS Translator
logo
Texas Instruments
SN75DP139 TI-SN75DP139 Datasheet
969Kb / 32P
DisplayPort to TMDS Translator
logo
Maxim Integrated Produc...
MAX9376 MAXIM-MAX9376_09 Datasheet
110Kb / 8P
LVDS/Anything-to-LVPECL/LVDS Dual Translator
Rev 1; 10/09
logo
ON Semiconductor
NB6L14S ONSEMI-NB6L14S_11 Datasheet
241Kb / 11P
Differential Input to LVDS Fanout Buffer/Translator
October, 2011 ??Rev. 2
logo
Abracon Corporation
ABB3009 ABRACON-ABB3009 Datasheet
90Kb / 5P
High Speed Translator Buffer to LVDS
logo
Analogix Semiconductor,...
ANX1121 ANALOGIX-ANX1121 Datasheet
210Kb / 2P
Low Cost DisplayPort™ to LVDS Converter
July 2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com