Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANX7412 Datasheet (PDF) - Analogix Semiconductor, Inc.

ANX7412 Datasheet PDF - Analogix Semiconductor, Inc.
Part # ANX7412
Download  ANX7412 Download
File Size   213.72 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description USB Type-C™ Power Delivery v3.0 Controller with De-Mux (USB/DP)

ANX7412 Datasheet (PDF)

Go To PDF Page Download Datasheet
ANX7412 Datasheet PDF - Analogix Semiconductor, Inc.

Part # ANX7412
Download  ANX7412 Click to download

File Size   213.72 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description USB Type-C™ Power Delivery v3.0 Controller with De-Mux (USB/DP)

ANX7412 Datasheet (HTML) - Analogix Semiconductor, Inc.


ANX7412 Product details

Features
 High-speed de-mux (4x6) switching up to 10Gbps
 4-lanes DisplayPort outputs with link speed of 1.62Gbps, 2.7Gbps, 5.4Gbps, 6.75Gbps, and 8.1Gbps
 USB 3.1 signal output (SSTX and SSRX) with Gen1 (5Gbps) and Gen2 (10Gbps) link speed
 USB 1.1 Billboard support
 DisplayPort Alternate Mode (SlimPort®) communication support through USB-PD structured VDM messaging
 Native TCPC-compliant hardware register interface
 Integrated VCONN FETs
 Built-in 10-bit ADC to monitor VBUS voltage and current
 Dedicated control signals for VBUS Source FET, VBUS sink FET, and VBUS auto discharge circuity
 Serial and debug interfaces
- Slave interface
 Industry standard compatibility
- USB Type-C r1.2 specification
- USB Power Delivery v3.0 r1.0 specification
- DisplayPort 1.4 specification
- DisplayPort Alternate Mode over USB Type-C r1.1 specification
- Universal Serial Bus (USB) Type-C Port Controller Interface r1.0 specification
 Low-power design
- Single supply at 3.3V
- Dedicated supply power pin for flexible I/O power – 1.8V or 3.3V
- Ultra-low power consumption (typical 80uW) in standby mode
 On-chip Microcontroller (OCM) to implement signal switching, USB-PD messaging, and DisplayPort related functions
- 64K bytes SRAM for firmware execution
- 128K bytes Flash for firmware storage
- PDFU function for firmware updating
 Dead battery detection support
 Package offered: 48-pin QFN, 6mm x 6mm, 0.90mm Z-height, pin-pitch: 0.4mm

Applications
USB Type-C dongle, docking, HDTV, monitor




Similar Part No. - ANX7412

ManufacturerPart #DatasheetDescription
logo
Analogix Semiconductor,...
ANX7412 ANALOGIX-ANX7412 Datasheet
190Kb / 2P
USB-C™ Port Controller
April 2018
ANX7412 ANALOGIX-ANX7412 Datasheet
204Kb / 2P
USB Type-C™ Crosspoint Switch with On-chip Microcontroller
April 2018
More results


Similar Description - ANX7412

ManufacturerPart #DatasheetDescription
logo
Rohm
BM92A20MWV ROHM-BM92A20MWV Datasheet
1Mb / 33P
USB Type-C Power Delivery Controller
BM92A50MWV ROHM-BM92A50MWV Datasheet
1Mb / 35P
USB Type-C Power Delivery Controller
BM92T10MWV ROHM-BM92T10MWV Datasheet
1Mb / 31P
Type-C USB Power Delivery Controller
BM92A12MWV-Z ROHM-BM92A12MWV-Z Datasheet
1Mb / 37P
USB Type-C Power Delivery Controller
BM92A13MWV-Z ROHM-BM92A13MWV-Z Datasheet
1Mb / 37P
USB Type-C Power Delivery Controller
BM92A15MWV-Z ROHM-BM92A15MWV-Z Datasheet
1Mb / 37P
USB Type-C Power Delivery Controller
BM92A30MWV-Z ROHM-BM92A30MWV-Z Datasheet
1Mb / 31P
USB Type-C Power Delivery Controller
BM92A11MWV-Z ROHM-BM92A11MWV-Z Datasheet
1Mb / 36P
USB Type-C Power Delivery Controller
06.Mar.2017 Rev.002
BD93E70GWL ROHM-BD93E70GWL Datasheet
910Kb / 21P
USB Type-C Power Delivery Controller
11.Mar.2021 Rev.001
logo
Silicon Mitus, Inc.
SM5517 SILICONMITUS-SM5517 Datasheet
646Kb / 2P
USB TYPE-C Controller with Power Delivery
May 2019 Rev. 0.0.9
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com