Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANX7428 Datasheet (PDF) - Analogix Semiconductor, Inc.

ANX7428 Datasheet PDF - Analogix Semiconductor, Inc.
Part # ANX7428
Download  ANX7428 Download
File Size   174.62 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description USB Power Delivery PHY with Channel Configuration Control

ANX7428 Datasheet (PDF)

Go To PDF Page Download Datasheet
ANX7428 Datasheet PDF - Analogix Semiconductor, Inc.

Part # ANX7428
Download  ANX7428 Click to download

File Size   174.62 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description USB Power Delivery PHY with Channel Configuration Control

ANX7428 Datasheet (HTML) - Analogix Semiconductor, Inc.


ANX7428 Product details

Features
 On-chip Microcontroller (OCM) to implement USBPD messaging and DisplayPort related functions
 DisplayPort Alternate Mode communication support through USB-PD structured VDM
messaging
 5V-tolerant CC/VCONN signals
 Dead battery detection support
 I2C slave mode to support external MCU/IC
 VBUS control and USB_ID pins to control external Power Management Integrated Circuits (PMICs) or USB charger IC based on the USB-PD configuration
 3.3V power supply for analog part (1.0V Core power generated by internal regulator)
 1.8V~3.3V power supply for digital IO
 Supports the following
- USB Power Delivery Specification v2.0 on CC wire
- DisplayPort Alternate Mode on USB Type-C Standard
 Designed to the following specifications
- USB Type-C Cable and Connector Specification v1.1
- USB Power Delivery Specification v2.0




Similar Part No. - ANX7428

ManufacturerPart #DatasheetDescription
logo
Analogix Semiconductor,...
ANX7428 ANALOGIX-ANX7428 Datasheet
177Kb / 2P
USB Type-C™ Crosspoint Switch
August 2016
ANX7428 ANALOGIX-ANX7428 Datasheet
174Kb / 2P
USB Power Delivery PHY with Channel Configuration Control
August 2016
ANX7428 ANALOGIX-ANX7428 Datasheet
188Kb / 2P
USB Type-C™ Crosspoint Switch
August 2016
ANX7428 ANALOGIX-ANX7428 Datasheet
221Kb / 2P
10G Active Mux (1x2) with Integrated Re-timer for USB 3.1
April 2018
More results


Similar Description - ANX7428

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
UPD1001 MICROCHIP-UPD1001 Datasheet
478Kb / 42P
USB Power Delivery Controller
03/25/14
UPD1002 MICROCHIP-UPD1002 Datasheet
490Kb / 46P
USB Power Delivery Controller
03/25/14
logo
Texas Instruments
TUSB321AI TI1-TUSB321AI Datasheet
825Kb / 21P
USB Type-C Configuration Channel Logic and Port Control
TUSB321 TI1-TUSB321 Datasheet
1Mb / 24P
USB Type-C Configuration Channel Logic and Port Control with VCONN
TUSB422 TI1-TUSB422 Datasheet
2Mb / 71P
USB Type-C Port Control with Power Delivery
logo
SHENZHEN FUMAN ELECTRON...
XPD545 FUMAN-XPD545 Datasheet
820Kb / 11P
USB Power Delivery Controller
XPD618A FUMAN-XPD618A Datasheet
659Kb / 7P
USB Power Delivery Controller
XPD636A FUMAN-XPD636A Datasheet
683Kb / 7P
USB Power Delivery Controller
logo
NXP Semiconductors
PTN5100D NXP-PTN5100D Datasheet
931Kb / 37P
USB Type-C power delivery PHY and protocol IC
Rev. 1-2 August 2016
logo
Silicon Mitus, Inc.
SM5517 SILICONMITUS-SM5517 Datasheet
646Kb / 2P
USB TYPE-C Controller with Power Delivery
May 2019 Rev. 0.0.9
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com