Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANX7401 Datasheet (PDF) - Analogix Semiconductor, Inc.

ANX7401 Datasheet PDF - Analogix Semiconductor, Inc.
Part # ANX7401
Download  ANX7401 Download
File Size   188.08 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description USB Type-C™ Crosspoint Switch

ANX7401 Datasheet (PDF)

Go To PDF Page Download Datasheet
ANX7401 Datasheet PDF - Analogix Semiconductor, Inc.

Part # ANX7401
Download  ANX7401 Click to download

File Size   188.08 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description USB Type-C™ Crosspoint Switch

ANX7401 Datasheet (HTML) - Analogix Semiconductor, Inc.


ANX7401 Product details

Features
 High-speed switching up to 6.75Gbps
 USB 3.1 signal (SSTX and SSRX) with Gen1 (5Gbps) link speed
 On-chip Microcontroller (OCM) to implement signal switching, USB-PD messaging, and related functions
 5V-tolerant CC/VCONN signals
 Dead battery detection support
 I2C slave mode to support external MCU/IC
 VBUS control and USB_ID pins to control external Power Management Integrated Circuits (PMICs) or USB charger IC based on the USB-PD configuration
 3.3V power supply for analog part (1.0V Core power generated by internal regulator)
 1.8V~3.3V power supply for digital IO
 Supports the following
- USB 3.1 signal switching
- USB Power Delivery Specification v2.0 on CC wire
 Designed to the following specifications
- USB Type-C Cable and Connector Specification v1.1
- USB Power Delivery Specification v2.0
- USB 3.1 Gen 1 electrical specifications




Similar Part No. - ANX7401

ManufacturerPart #DatasheetDescription
logo
Analogix Semiconductor,...
ANX7401 ANALOGIX-ANX7401 Datasheet
174Kb / 2P
USB Power Delivery PHY with Channel Configuration Control
August 2016
ANX7401 ANALOGIX-ANX7401 Datasheet
174Kb / 2P
USB Power Delivery PHY with Channel Configuration Control
August 2016
ANX7401 ANALOGIX-ANX7401 Datasheet
177Kb / 2P
USB Type-C™ Crosspoint Switch
August 2016
ANX7401 ANALOGIX-ANX7401 Datasheet
221Kb / 2P
10G Active Mux (1x2) with Integrated Re-timer for USB 3.1
April 2018
More results


Similar Description - ANX7401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB546-DCI TI1-TUSB546-DCI Datasheet
1Mb / 48P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB1046-DCI TI1-TUSB1046-DCI Datasheet
1Mb / 48P
USB Type-C DisplayPort ALT Mode 10 Gbps Linear Redriver Crosspoint Switch
TUSB546A-DCI TI1-TUSB546A-DCI Datasheet
1Mb / 47P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB1046A-DCI TI1-TUSB1046A-DCI Datasheet
1Mb / 46P
USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB546A-DCI TI1-TUSB546A-DCI_17 Datasheet
1Mb / 49P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB564 TI1-TUSB564 Datasheet
1Mb / 45P
USB TYPE-C DP Alt Mode 8.1 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB1046A-DCI TI1-TUSB1046A-DCI_17 Datasheet
1Mb / 48P
USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB1064 TI1-TUSB1064 Datasheet
1Mb / 48P
USB TYPE-C DP Alt Mode 10 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB564 TI1-TUSB564_18 Datasheet
2Mb / 50P
USB TYPE-C DP Alt Mode 8.1 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB1146 TI1-TUSB1146 Datasheet
1Mb / 66P
TUSB1146 USB Type-C??DisplayPort??Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com