Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANX7447 Datasheet (PDF) - Analogix Semiconductor, Inc.

ANX7447 Datasheet PDF - Analogix Semiconductor, Inc.
Part # ANX7447
Download  ANX7447 Download
File Size   206.29 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description USB-C™ Port Controller

ANX7447 Datasheet (PDF)

Go To PDF Page Download Datasheet
ANX7447 Datasheet PDF - Analogix Semiconductor, Inc.

Part # ANX7447
Download  ANX7447 Click to download

File Size   206.29 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description USB-C™ Port Controller

ANX7447 Datasheet (HTML) - Analogix Semiconductor, Inc.


ANX7447 Product details

Features
 TCPC-compliant hardware interface
 Supports DFP and DRP modes for Host-only or Dual-Role applications
 Integrated VCONN FETs
 Built-in 10-bit ADC to monitor VBUS voltage and current
 AUX CH/SBU Mux
 Dedicated control signals for VBUS Source FET, VBUS sink FET, and VBUS auto discharge circuity
 Serial and debug interfaces
- I2C Master/Slave interface
 Industry standard compatibility
- USB Type-C r1.2 specification
- USB Power Delivery v3.0 r1.0 specification
- DisplayPort 1.4 specification
- DisplayPort Alternate Mode over USB Type-C r1.1 specification
- Universal Serial Bus (USB) Type-C Port Controller Interface r1.0 specification
 Low-power design
- Single supply at 3.3V
- Dedicated supply power pin for flexible I/O power – 1.8V or 3.3V
- Ultra-low power consumption (typical 77uW) in standby mode
 On-chip microcontroller with reprogrammable memory for USB-PD v3.0 engine
- 64K bytes SRAM for firmware execution
- 128K bytes Flash for firmware storage
- PDFU function for firmware updating
 Dead battery detection support
 Package
- QFN-28, 4mm x 4mm, 0.90mm Z-height, 0.4mm pin-pitch

Applications
Notebooks, desktops, and 2-in-1s




Similar Part No. - ANX7447

ManufacturerPart #DatasheetDescription
logo
Analogix Semiconductor,...
ANX7447 ANALOGIX-ANX7447 Datasheet
210Kb / 2P
USB Type-C™ Crosspoint Switch with On-chip Microcontroller
April 2018
ANX7447 ANALOGIX-ANX7447 Datasheet
213Kb / 2P
USB Type-C™ Power Delivery v3.0 Controller with De-Mux (USB/DP)
April 2018
ANX7447 ANALOGIX-ANX7447 Datasheet
342Kb / 2P
USB-C™ Port Controller
October 2021
ANX7447 ANALOGIX-ANX7447 Datasheet
190Kb / 2P
USB-C™ Port Controller
April 2018
ANX7447 ANALOGIX-ANX7447 Datasheet
204Kb / 2P
USB Type-C™ Crosspoint Switch with On-chip Microcontroller
April 2018
More results


Similar Description - ANX7447

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB319-Q1 TI1-TUSB319-Q1 Datasheet
442Kb / 19P
USB Type-C DFP Port Controller
logo
Cypress Semiconductor
CCG3PA CYPRESS-CCG3PA Datasheet
593Kb / 37P
USB Type-C Port Controller
CCG2 CYPRESS-CCG2 Datasheet
2Mb / 33P
USB Type-C Port Controller
CCG3 CYPRESS-CCG3 Datasheet
1,021Kb / 45P
USB Type-C Port Controller
CCG4 CYPRESS-CCG4 Datasheet
472Kb / 35P
USB Type-C Port Controller
logo
ON Semiconductor
FUSB307B ONSEMI-FUSB307B Datasheet
456Kb / 57P
USB Type-C Port Controller with USB-PD
April, 2018 ??Rev. 3
FUSB308B ONSEMI-FUSB308B Datasheet
535Kb / 53P
USB Type-C Port Controller with USB-PD
February, 2020 ??Rev. 4
FUSB15201 ONSEMI-FUSB15201 Datasheet
626Kb / 19P
Dual Port USB Type-C & PD Controller
March, 2022 ??Rev. 2
logo
Kinetic Technologies.
MCDP9000 KINETIC-MCDP9000 Datasheet
181Kb / 5P
USB Type-C Port Controller
June 2022 - Revision 04c
logo
Infineon Technologies A...
CYPD6125-40LQXIT INFINEON-CYPD6125-40LQXIT Datasheet
518Kb / 39P
USB Type-C Port Controller
July 26, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com