Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANX7490 Datasheet (PDF) - Analogix Semiconductor, Inc.

ANX7490 Datasheet PDF - Analogix Semiconductor, Inc.
Part # ANX7490
Download  ANX7490 Download
File Size   204.54 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description 10G USB 3.1 Re-timer (1-Port)

ANX7490 Datasheet (PDF)

Go To PDF Page Download Datasheet
ANX7490 Datasheet PDF - Analogix Semiconductor, Inc.

Part # ANX7490
Download  ANX7490 Click to download

File Size   204.54 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description 10G USB 3.1 Re-timer (1-Port)

ANX7490 Datasheet (HTML) - Analogix Semiconductor, Inc.


ANX7490 Product details

Features
 Built-in re-timer
- Integrated re-timer for USB 3.1 1-port (Tx/Rx) up to 10Gbps
- Loss compensation to recover up to 23dB channel loss
 Protocol awareness for better link power management (LPM) and savings
 Reference clock for re-timer
- Utilizes a 24MHz reference XTAL or 1.05V singleended clock source
 Serial and debug interfaces
- I2C Slave interface, up to 1MHz, for re-timer configuration
- DCI debug interface support
 Industry standard compatibility
- USB 3.1 specification, Appendix E
- Intel USB 3.1 Repeater and Active Switch specification
 Low-power design
- Analog power supply at 1.8V
- Dedicated supply power pin for I/O power at 1.8V
 Package
- BGA-42, 3.5mm x 4.0mm, 0.5mm ball-pitch
- QFN-40, 5mm x 5 mm, 0.4mm pin-pitch
 Commercial temperature range of 0C to 70C

Applications
Notebooks, desktops, server, and accessories/docks




Similar Part No. - ANX7490

ManufacturerPart #DatasheetDescription
logo
Analogix Semiconductor,...
ANX7490 ANALOGIX-ANX7490 Datasheet
221Kb / 2P
10G Active Mux (1x2) with Integrated Re-timer for USB 3.1
April 2018
ANX7490 ANALOGIX-ANX7490 Datasheet
211Kb / 2P
8.1G DisplayPort™ 4-lanes Re-timer
August 2018
ANX7490 ANALOGIX-ANX7490 Datasheet
861Kb / 3P
SlimPort® (4K Ultra-HD) Receiver
April 2018
More results


Similar Description - ANX7490

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7VPQ701M ONSEMI-NB7VPQ701M Datasheet
856Kb / 10P
1.8 V USB 3.1 Single Channel Re-driver
October, 2016 ??Rev. 2
logo
Tripp Lite. All Rights ...
U460-004-4A-C TRIPPLITE-U460-004-4A-C Datasheet
497Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x4) USB-A, with USB-C Charging Port
logo
Texas Instruments
TUSB8043 TI1-TUSB8043 Datasheet
2Mb / 59P
Four-Port USB 3.1 Gen1 Hub
TUSB8042 TI1-TUSB8042 Datasheet
1Mb / 55P
Four-Port USB 3.1 Gen1 Hub
TUSB8041A TI1-TUSB8041A Datasheet
2Mb / 57P
Four-Port USB 3.1 Gen1 Hub
logo
ON Semiconductor
NB7NPQ701M ONSEMI-NB7NPQ701M Datasheet
313Kb / 10P
3.3V USB 3.1 Single Channel Re-driver
March, 2017 ??Rev. 0
NB7NPQ702M ONSEMI-NB7NPQ702M Datasheet
353Kb / 10P
3.3V USB 3.1 Dual Channel Re-driver
January, 2017 ??Rev. 0
NB7VPQ702M ONSEMI-NB7VPQ702M Datasheet
342Kb / 10P
1.8V USB 3.1 Dual Channel Re-driver
November, 2016 ??Rev. 1
logo
Microchip Technology
USB5806 MICROCHIP-USB5806 Datasheet
824Kb / 60P
6-Port USB 3.1 Gen 1 Smart Hub
10/25/17
logo
Transcend Information. ...
JF790 TRANSCEND-JF790 Datasheet
757Kb / 2P
USB 3.1 Gen 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com