Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANX7491 Datasheet (PDF) - Analogix Semiconductor, Inc.

ANX7491 Datasheet PDF - Analogix Semiconductor, Inc.
Part # ANX7491
Download  ANX7491 Download
File Size   668.15 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description 10G USB 3.2 Re-timer (1-Port)

ANX7491 Datasheet (PDF)

Go To PDF Page Download Datasheet
ANX7491 Datasheet PDF - Analogix Semiconductor, Inc.

Part # ANX7491
Download  ANX7491 Click to download

File Size   668.15 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description 10G USB 3.2 Re-timer (1-Port)

ANX7491 Datasheet (HTML) - Analogix Semiconductor, Inc.


ANX7491 Product details

Features
* Built-in re-timer
ㅡ Integrated re-timer for USB 3.2 1-port (Tx/Rx) up to 10Gbps
ㅡ Supports both Separate Reference Clock Independent SSC (SRIS) and Bit-Level Re-
* timer (BLR) Architectures of USB3.1 Specification (Appendix-E)
ㅡ 1055 compensation to recover up to 23dB channel loss
* Protocol awareness for better link power management (LPM) and savings
* Supports both host and device applications in USB3.2 Type-A subsystems
* Integrated Reference Clock
* Serial and debug interfaces
ㅡ I2C Slave interface, up to 1MHz, for re-timer configuration
* Industry standard compatibility
— USB 3.2 specification, Appendix E
— Intel USB 3.2 Repeater and Active Switch specification
* Low-power design
— Analog power supply at 1.8V
— 1/0 power supply at 1.8V
— Core power supply at 1.2V
* Package
— QFN-36, 4.2mm x 4.9mm, 0.90mm Z-height, 0.35mm pin-pitch
* Commercial temperature range of 0C to 70C

Applications
Notebooks, desktops, gaming PCs, workstations, servers, 2-in-1PCs




Similar Part No. - ANX7491

ManufacturerPart #DatasheetDescription
logo
Analogix Semiconductor,...
ANX7491 ANALOGIX-ANX7491 Datasheet
684Kb / 2P
10G Active Mux (1x2) with Integrated Re-timer for USB 3.2
ANX7491 ANALOGIX-ANX7491 Datasheet
360Kb / 2P
20G Active Retimer for USB 3.2
March 2021
ANX7491 ANALOGIX-ANX7491 Datasheet
222Kb / 2P
10G Active Mux (1x2) with Integrated Re-timer and CC Detection for USB 3.2
November 2019
ANX7491 ANALOGIX-ANX7491 Datasheet
224Kb / 2P
20G Active Mux (2x2) with Integrated Re-timer and CC Detection for USB 3.2
October 2019
ANX7491 ANALOGIX-ANX7491 Datasheet
802Kb / 2P
106 Active Mux (6x4) with Integrated Re-timers for USB3.2/DisplayPort1.4
More results


Similar Description - ANX7491

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB5806C MICROCHIP-USB5806C Datasheet
2Mb / 61P
6-Port USB 3.2 Gen 1 SmartHubTM IC
02/28/20
USB7006 MICROCHIP-USB7006 Datasheet
1Mb / 55P
6-Port USB 3.2 Gen 1 Controller Hub
02/28/20
USB7006 MICROCHIP-USB7006_V01 Datasheet
731Kb / 56P
6-Port USB 3.2 Gen 1 SmartHubTMController
09/14/21
USB7016 MICROCHIP-USB7016_V01 Datasheet
771Kb / 60P
6-Port USB 3.2 Gen 1 SmartHubTM Controller
09/14/21
USB7056 MICROCHIP-USB7056 Datasheet
641Kb / 55P
6-Port USB 3.2 Gen 1 PD SmartHub??IC
09/14/21
USB7002 MICROCHIP-USB7002_V01 Datasheet
655Kb / 56P
4-Port USB 3.2 Gen 1 SmartHub??IC
DS00002670G (03-03-22)
logo
Coolgear Inc.
CG-16PU3MGD COOLGEAR-CG-16PU3MGD Datasheet
532Kb / 5P
16 PORT MANAGED USB 3.2 GEN 1 HU
8/18/2021
CG-4PU3MGD COOLGEAR-CG-4PU3MGD Datasheet
460Kb / 9P
4 Port Managed USB 3.2 Gen 1 Hub w/15KV
CG-7PU3MGD COOLGEAR-CG-7PU3MGD Datasheet
440Kb / 9P
7 Port Managed USB 3.2 Gen 1 Hub w/15KV
logo
Microchip Technology
USB5807C MICROCHIP-USB5807C Datasheet
2Mb / 56P
7-Port USB 3.2 Gen 1 SmartHubTM IC
DS00003182B 08-20-21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com