Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMN2R3-100SSJ Datasheet (PDF) - Nexperia B.V. All rights reserved

PSMN2R3-100SSJ Datasheet PDF - Nexperia B.V. All rights reserved
Part # PSMN2R3-100SSJ
Download  PSMN2R3-100SSJ Download
File Size   303.75 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description N-channel 100 V, 2.3 mOhm ASFET with enhanced dynamic current sharing in LFPAK88

PSMN2R3-100SSJ Datasheet (PDF)

Go To PDF Page Download Datasheet
PSMN2R3-100SSJ Datasheet PDF - Nexperia B.V. All rights reserved

Part # PSMN2R3-100SSJ
Download  PSMN2R3-100SSJ Click to download

File Size   303.75 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description N-channel 100 V, 2.3 mOhm ASFET with enhanced dynamic current sharing in LFPAK88

PSMN2R3-100SSJ Datasheet (HTML) - Nexperia B.V. All rights reserved


PSMN2R3-100SSJ Product details

1. General description
In high-power applications, it is common practice to connect two or more MOSFETs in parallel to
provide high current capability. Even when the gates are driven from the same gate driver, it can be
challenging to ensure that MOSFETs share the load current equally.
Small differences in VGS(th) for individual devices cause the MOSFET with the lowest VGS(th) to turnon
first, taking a larger share of the load current during the dynamic switching phase.
The difference in load current between individual MOSFETs ΔID can be significant often leading to
differential heating and potential accelerated failure.
One method to reduce the ΔI between MOSFETs is to select devices with matched VGS(th), but
testing & sorting MOSFETs with matched VGS(th) can be a difficult process. VGS(th) is typically
measured at ΔID < 1 mA and is influenced by temperature also.
ASFETs with enhanced dynamic current sharing are designed to show significantly improved
current sharing with low ΔID when connected in parallel applications, they also deliver improved
temperature stability showing lower ΔID due to temperature differences across the PCB.

2. Features and benefits
• Removes the need for VGS(th) matching
• Low ΔID enhances current sharing in parallel applications
• Less sensitive to temperature differences across the PCB
• Reduced VGS(th) spread
• Low RDSon
• 255 A continuous ID Max
• Avalanche rated, 100% tested
• Compact and Reliable 8x8 LFPAK88 package, qualified to 175 °C

3. Applications
• Applications using MOSFETs in parallel
• Applications utilizing MOSFETs with matched VGS(th)
• High-power motor control




Similar Part No. - PSMN2R3-100SSJ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN2R3-100SSE NEXPERIA-PSMN2R3-100SSE Datasheet
339Kb / 13P
N-channel 100 V, 2.3 mOhm MOSFET with enhanced SOA in LFPAK88
6 February 2023
More results


Similar Description - PSMN2R3-100SSJ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN1R6-25YLE NEXPERIA-PSMN1R6-25YLE Datasheet
314Kb / 13P
N-channel 25 V, 1.9 mOhm, ASFET for hotswap with enhanced SOA in LFPAK56
10 January 2023
PSMN1R9-80SSE NEXPERIA-PSMN1R9-80SSE Datasheet
333Kb / 13P
N-channel 80 V, 1.9 mOhm MOSFET with enhanced SOA in LFPAK88
6 February 2023
PSMN1R0-30YLE NEXPERIA-PSMN1R0-30YLE Datasheet
321Kb / 13P
N-channel 30 V, 1.1 mOhm, ASFET for hotswap with enhanced SOA in LFPAK56
10 November 2022
PSMN1R1-30YLE NEXPERIA-PSMN1R1-30YLE Datasheet
318Kb / 13P
N-channel 30 V, 1.3 mOhm, ASFET for hotswap with enhanced SOA in LFPAK56
10 November 2022
PSMN2R1-30YLE NEXPERIA-PSMN2R1-30YLE Datasheet
320Kb / 13P
N-channel 30 V, 2.2 mOhm, ASFET for hotswap with enhanced SOA in LFPAK56
10 November 2022
PSMN2R3-100SSE NEXPERIA-PSMN2R3-100SSE Datasheet
339Kb / 13P
N-channel 100 V, 2.3 mOhm MOSFET with enhanced SOA in LFPAK88
6 February 2023
PSMN2R5-80SSE NEXPERIA-PSMN2R5-80SSE Datasheet
249Kb / 9P
N-channel 80 V, 2.5 mOhm MOSFET with enhanced SOA in LFPAK88
27 July 2023
PSMN2R9-100SSE NEXPERIA-PSMN2R9-100SSE Datasheet
337Kb / 13P
N-channel 100 V, 2.9 mOhm MOSFET with enhanced SOA in LFPAK88
6 February 2023
PSMNR67-30YLE NEXPERIA-PSMNR67-30YLE Datasheet
304Kb / 12P
N-channel 30 V, 0.70 mOhm, ASFET for hotswap with enhanced SOA in LFPAK56E
10 November 2022
PSMNR82-30YLE NEXPERIA-PSMNR82-30YLE Datasheet
315Kb / 13P
N-channel 30 V, 0.87 mOhm, ASFET for hotswap with enhanced SOA in LFPAK56
10 November 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com