Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PZUXBA-Q Datasheet (PDF) - Nexperia B.V. All rights reserved

PZUXBA-Q Datasheet PDF - Nexperia B.V. All rights reserved
Part # PZUXBA-Q
Download  PZUXBA-Q Download
File Size   285.17 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Zener voltage regulator diodes

PZUXBA-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
PZUXBA-Q Datasheet PDF - Nexperia B.V. All rights reserved

Part # PZUXBA-Q
Download  PZUXBA-Q Click to download

File Size   285.17 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Zener voltage regulator diodes

PZUXBA-Q Datasheet (HTML) - Nexperia B.V. All rights reserved


PZUXBA-Q Product details

1. General description
General-purpose Zener diodes in a SOD323F (SC-90) very small and flat lead Surface Mounted
Device (SMD) plastic package.

2. Features and benefits
• Total power dissipation: 550 mW
• Tolerance series: B: approximately 5 %; B1, B2, B3: sequential, approximately 2 %
• Small plastic package suitable for surface mounted design
• Wide working voltage range: nominal 2.4 V to 51 V
• Very low leakage current for a given reverse voltage for types PZU5.1B-Q - PZU10B-Q
• PZU5.1B2-Q - 10B-Q: Very low dynamic impedances at low currents, very low leakage current,
hard breakdown knee
• PZU11B2-Q - 51B-Q: Intentional minor rise of leakage current for optimized fast switching and
noise reduction [Ref. AN90031]
• Qualified according to AEC-Q101 and recommended for use in automotive applications

3. Applications
• General regulation functions




Similar Part No. - PZUXBA-Q

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PZUXBA-Q_SER NEXPERIA-PZUXBA-Q_SER Datasheet
281Kb / 12P
Single Zener diodes
Rev. 1 - 10 August 2022
More results


Similar Description - PZUXBA-Q

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
MMSZ3V3 CDIL-MMSZ3V3 Datasheet
292Kb / 4P
ZENER VOLTAGE REGULATOR DIODES
logo
Leshan Radio Company
LBZX84XXXXLT1G LRC-LBZX84XXXXLT1G Datasheet
361Kb / 7P
Zener Voltage Regulator Diodes
logo
Pan Jit International I...
AZD27C21 PANJIT-AZD27C21 Datasheet
358Kb / 5P
VOLTAGE REGULATOR ZENER DIODES
logo
Shenzhen Taychipst Elec...
AZD27C21 TAYCHIPST-AZD27C21 Datasheet
4Mb / 2P
VOLTAGE REGULATOR ZENER DIODES
logo
Yea Shin Technology Co....
BZX84C2V4 YEASHIN-BZX84C2V4 Datasheet
776Kb / 5P
Zener Voltage Regulator Diodes
logo
Leshan Radio Company
LBZX84CLT1G LRC-LBZX84CLT1G_15 Datasheet
395Kb / 5P
Zener Voltage Regulator Diodes
LBZB84C2V4LT1G LRC-LBZB84C2V4LT1G Datasheet
224Kb / 5P
Zener Voltage Regulator Diodes
LBZX84C2V4LT1G LRC-LBZX84C2V4LT1G Datasheet
260Kb / 5P
Zener Voltage Regulator Diodes
SZB4.3A LRC-SZB4.3A Datasheet
128Kb / 4P
Zener Voltage Regulator Diodes
logo
Shanghai Leiditech Elec...
LBZX84C2V4LT1G LEIDITECH-LBZX84C2V4LT1G Datasheet
756Kb / 5P
Zener Voltage Regulator Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com