Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PZU10 Datasheet (PDF) - Nexperia B.V. All rights reserved

PZU10 Datasheet PDF - Nexperia B.V. All rights reserved
Part # PZU10
Download  PZU10 Download
File Size   275.58 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Zener voltage regulator diodes in a SOD323F package

PZU10 Datasheet (PDF)

Go To PDF Page Download Datasheet
PZU10 Datasheet PDF - Nexperia B.V. All rights reserved

Part # PZU10
Download  PZU10 Click to download

File Size   275.58 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Zener voltage regulator diodes in a SOD323F package

PZU10 Datasheet (HTML) - Nexperia B.V. All rights reserved


PZU10 Product details

1. General description
General-purpose Zener diodes in a SOD323F (SC-90) very small and flat lead Surface Mounted
Device (SMD) plastic package.

2. Features and benefits
• Total power dissipation: 550 mW
• Tolerance series: B: approximately 5 %; B1, B2, B3: sequential, approximately 2 %
• Small plastic package suitable for surface mounted design
• Wide working voltage range: nominal 2.4 V to 51 V
• Very low leakage current for a given reverse voltage for types PZU5.1B - PZU10B
• PZU5.1B2 - 10B: Very low dynamic impedances at low currents, very low leakage current, hard
breakdown knee
• PZU11B2 - 51B: Intentional minor rise of leakage current for optimized fast switching and noise
reduction [Ref. AN90031]
• AEC-Q101 qualified

3. Applications
• General regulation functions




Similar Part No. - PZU10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZU10 NXP-PZU10 Datasheet
450Kb / 12P
Single Zener diodes in a SOD323F package Rev. 02 ??15 November 2009
Rev. 02-15 November 2009
logo
Nexperia B.V. All right...
PZU10 NEXPERIA-PZU10 Datasheet
259Kb / 12P
Zener diodes in a SOD323F package
Rev. 5 - 2 November 2020
logo
NXP Semiconductors
PZU10A PHILIPS-PZU10A Datasheet
135Kb / 14P
Single Zener diodes
Rev. 01-19 September 2008
logo
Nexperia B.V. All right...
PZU10A NEXPERIA-PZU10A Datasheet
231Kb / 15P
Single Zener diod
Rev. 01 - 19 September 2008
PZU10A-Q NEXPERIA-PZU10A-Q Datasheet
281Kb / 12P
Single Zener diodes
Rev. 1 - 10 August 2022
More results


Similar Description - PZU10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZUXB PHILIPS-PZUXB Datasheet
64Kb / 12P
Single Zener diodes in a SOD323F package
Rev. 01-7 March 2006
BZT52H NXP-BZT52H_10 Datasheet
126Kb / 13P
Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
BZT52H-B39 PHILIPS-BZT52H-B39 Datasheet
137Kb / 13P
Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
PZU13B2-115 NXP-PZU13B2-115 Datasheet
450Kb / 12P
Single Zener diodes in a SOD323F package Rev. 02 ??15 November 2009
Rev. 02-15 November 2009
BZT52H-C20 PHILIPS-BZT52H-C20 Datasheet
126Kb / 13P
Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
logo
Nexperia B.V. All right...
PDZ-GW NEXPERIA-PDZ-GW Datasheet
238Kb / 12P
Single Zener diodes in a SOD123 package
BZT52_SER NEXPERIA-BZT52_SER Datasheet
198Kb / 13P
Single Zener diodes in a SOD123 package
Rev. 1 - 16 March 2017
PZUXBL_SER NEXPERIA-PZUXBL_SER Datasheet
261Kb / 12P
Single Zener diodes in a SOD882 package
Rev. 2 - 11 November 2019
PZUXB_SER NEXPERIA-PZUXB_SER Datasheet
259Kb / 12P
Zener diodes in a SOD323F package
Rev. 5 - 2 November 2020
PDZ-GW_SER NEXPERIA-PDZ-GW_SER Datasheet
238Kb / 12P
Single Zener diodes in a SOD123 package
Rev. 1 - 4 September 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com