Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANX7750 Datasheet (PDF) - Analogix Semiconductor, Inc.

ANX7750 Datasheet PDF - Analogix Semiconductor, Inc.
Part # ANX7750
Download  ANX7750 Download
File Size   327.86 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description USB Type-C to HDMI2.0b Converter with Charging Function

ANX7750 Datasheet (PDF)

Go To PDF Page Download Datasheet
ANX7750 Datasheet PDF - Analogix Semiconductor, Inc.

Part # ANX7750
Download  ANX7750 Click to download

File Size   327.86 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description USB Type-C to HDMI2.0b Converter with Charging Function

ANX7750 Datasheet (HTML) - Analogix Semiconductor, Inc.


ANX7750 Product details

Features
 USB Type-C Specification 1.2 and backward compatible with Type-C specification 1.1
- USB Power Delivery (PD) v3.0 Compliant
- Two integrated Channel Configuration (CC) and PD Logic ports
- Support USB2.0 Billboard function
 VESA DisplayPortTM (DP) v1.4 compliant receiver
- 1, 2 and 4 lanes up to HBR3 (8.1Gbps) input
- 1 MHz AUX Channel
- Horizontal Blanking Expansion Operation
- 27dB insertion loss recovery
 HDMI Specification v2.0b compliant transmitter
- TMDS scrambling up to 600MHz pixel clock rate
- Support up to 4096x2160@60Hz
- SCDC (Status and Control Data Channel)
- CEC2.0
 Support HDCP2.3, HDCP2.2 and HDCP1.4 repeater with HDCP keys inside
 Video stream
- Support High Dynamic Range (HDR) metadata
- Support 3D timing
 Audio Stream
- Max audio sample rate of 192KHz x8 channels
- 8-ch LPCM, compressed audio (AC-3, DTS)
 Integrated reference clock
 On chip micro-controller (OCM) and integrated memory
 Serial and debug interfaces
- Support I2C Slave and master interface, up to 1MHz
- Re-purpose GPIOs for UART or I2C master interface
 Support 3.3V and 0.9V power supply
 Flexible Firmware update methods
 Package
- QFN-64, 8mmx8mm, 0.4mm pin-pitch
 Commercial temperature range of 0C to 70C
 HBM 4KV




Similar Part No. - ANX7750

ManufacturerPart #DatasheetDescription
logo
Analogix Semiconductor,...
ANX7750 ANALOGIX-ANX7750 Datasheet
333Kb / 2P
SlimPort® to DisplayPort™ (4K@30Hz) Converter
November 2014
ANX7750 ANALOGIX-ANX7750 Datasheet
182Kb / 2P
DisplayPort 1.4 to HDMI2.0b Converter
December 2019
ANX7750 ANALOGIX-ANX7750 Datasheet
184Kb / 2P
USB Type-C to HDMI2.0b Converter
December 2019
ANX7750 ANALOGIX-ANX7750 Datasheet
115Kb / 2P
DisplayPort™ to HDMI® (Ultra-HD, 4K) Converter
February 2016
ANX7750 ANALOGIX-ANX7750 Datasheet
293Kb / 2P
SlimPort® Transmitter
June 2015
More results


Similar Description - ANX7750

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U460-004-4A-C TRIPPLITE-U460-004-4A-C Datasheet
497Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x4) USB-A, with USB-C Charging Port
logo
Prolific Technology Inc...
PL2887 PROLIFIC-PL2887 Datasheet
204Kb / 1P
USB Type-C Charging Controller
logo
Tripp Lite. All Rights ...
U436-06N-GB-C TRIPPLITE-U436-06N-GB-C Datasheet
182Kb / 4P
USB-C to Gigabit Network Adapter with USB-C PD Charging - Thunderbolt 3, Black
U280-004-WS3C1 TRIPPLITE-U280-004-WS3C1 Datasheet
171Kb / 3P
4-Port USB Charging Station with USB-C Charging and USB-A Auto-Sensing Ports
logo
Maxim Integrated Produc...
MAX20463A MAXIM-MAX20463A Datasheet
125Kb / 2P
Automotive USB Type-A to Type-C Port Converter with Protection
6????0
logo
Kinetic Technologies.
MCDP5200 KINETIC-MCDP5200 Datasheet
269Kb / 6P
USB Type-C / DP1.4a Alt-Mode to HDMI2.0b Protocol Converter With USB Retimer
MCDP2800 KINETIC-MCDP2800 Datasheet
146Kb / 5P
DisplayPort1.2a to HDMI2.0b Level Shifter/Protocol Converter
February 2020 - Revision 03a
MCDP2900 KINETIC-MCDP2900 Datasheet
240Kb / 5P
DisplayPort1.4a to HDMI2.0b Protocol Converter with HDCP2.3 Repeater
July 2021 - Revision 03b
MCDP5250 KINETIC-MCDP5250 Datasheet
264Kb / 6P
DisplayPort1.4a to HDMI2.0b Protocol Converter
August 2020 - Revision 03a
logo
ON Semiconductor
FSA4486 ONSEMI-FSA4486 Datasheet
526Kb / 29P
USB Type-C Analog Audio Switch with Protection Function
March, 2023 - Rev. 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com